Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6263 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE6263
Description  LS CAN, LDO and HS Switch
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6263 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE6263 Datasheet HTML 3Page - Infineon Technologies AG TLE6263 Datasheet HTML 4Page - Infineon Technologies AG TLE6263 Datasheet HTML 5Page - Infineon Technologies AG TLE6263 Datasheet HTML 6Page - Infineon Technologies AG TLE6263 Datasheet HTML 7Page - Infineon Technologies AG TLE6263 Datasheet HTML 8Page - Infineon Technologies AG TLE6263 Datasheet HTML 9Page - Infineon Technologies AG TLE6263 Datasheet HTML 10Page - Infineon Technologies AG TLE6263 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
Final Datasheet TLE 6263
Version 2.08
7
2004-06-07
6
Circuit Description
The TLE 6263 is a monolithic IC, which incorporates a failure tolerant low speed CAN-
transceiver for differential mode data transmission, a low dropout voltage regulator for
internal and external 5V supply as well as a SPI (serial peripheral interface) to control
and monitor the IC. Further there are integrated a high side switch, two wake-up inputs,
a window watchdog circuit with fail safe output as well as a reset circuit and early warning
function. Figure 2 shows a schematic block diagram of the TLE 6263. Table 1 shows
the status of the different chip features during the four main operation modes.
1) at low VCC output current only active when watchdog undercurrent function is not activated
2) can only be monitored in Vbat-stand-by mode via SPI
3) no wake-up interrupt generated, logic level status monitored via SPI
4) only active when selected via SPI
5) if watchdog under-current function active, than FSO = low
Table 1: Truth table of the TLE 6263
Feature
normal mode
receive-only
mode
Vbat stand-by
mode
sleep
mode
VCC
ON
ON
ON
OFF
Reset
ON
ON
ON
OFF
Watchdog
ON
ON
ON1)
OFF
Fail safe output
ON
ON
ON5)
OFF
VINT-Fail
2)
ON
ON
ON
ON
Sense input
ON
ON
ON
OFF
Wake-up 1 / 2
ON3)
ON3)
ON
ON
HS-switch4)
ON
ON
ON
OFF
HS-cyclic-sense4)
OFF
OFF
ON
ON
SPI
ON
ON
ON
OFF
CAN transmit
ON
OFF
OFF
OFF
CAN receive
ON
ON
OFF
OFF
RTL output
switched to Vcc
switched to
Vcc
switched to
Vs
switched to
Vs
RxD output
L = bus dominant;
H = bus recessive
L = bus dominant;
H = bus recessive
active low wake-up
interrupt
low
INT output
active low early
warning
active low early
warning for VINT
and VCC
active low early
warning
low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com