Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6263 Datasheet(PDF) 30 Page - Infineon Technologies AG

Part # TLE6263
Description  LS CAN, LDO and HS Switch
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6263 Datasheet(HTML) 30 Page - Infineon Technologies AG

Back Button TLE6263 Datasheet HTML 26Page - Infineon Technologies AG TLE6263 Datasheet HTML 27Page - Infineon Technologies AG TLE6263 Datasheet HTML 28Page - Infineon Technologies AG TLE6263 Datasheet HTML 29Page - Infineon Technologies AG TLE6263 Datasheet HTML 30Page - Infineon Technologies AG TLE6263 Datasheet HTML 31Page - Infineon Technologies AG TLE6263 Datasheet HTML 32Page - Infineon Technologies AG TLE6263 Datasheet HTML 33Page - Infineon Technologies AG TLE6263 Datasheet HTML 34Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
Final Datasheet TLE 6263
Version 2.08
30
2004-06-07
Pull down current at pin DI
and CLK
I
ICLK/DI
525
100
µA
VDI = 0.2 × VCC
Input capacitance
at pin CSN, DI or CLK
C
I
–10
15
pF
Not subject to
production test -
specified by design
Logic Output DO
H-output voltage level
V
DOH
V
CC
– 1.0
V
CC
– 0.7
–V
IDOH =1 mA
L-output voltage level
V
DOL
–
0.2
0.4
V
IDOL = – 1.6 mA
Tri-state leakage current
I
DOLK
– 10
–
10
µA
VCSN = VCC
0V < VDO < VCC
Tri-state input capacitance
C
DO
–10
15
pF
Not subject to
production test -
specified by design
Data Input Timing
Not subject to production test - specified by design
Clock period
t
pCLK
1000
–
–
ns
–
Clock high time
t
CLKH
500
–
–
ns
–
Clock low time
t
CLKL
500
–
–
ns
–
Clock low before CSN low
t
bef
500
–
–
ns
–
CSN setup time
t
lead
500
–
–
ns
–
CLK setup time
t
lag
500
–
–
ns
–
Clock low after CSN high
t
beh
500
–
–
ns
–
DI setup time
t
DISU
250
–
–
ns
–
DI hold time
t
DIHO
250
–
–
ns
–
Input signal rise time
at pin DI, CLK and CSN
t
rIN
–
–200
ns
–
Input signal fall time
at pin DI, CLK and CSN
t
fIN
–
–200
ns
–
7.3
Electrical Characteristics (cont’d)
VS =13.5V; ICC = 1 mA; normal mode; all outputs open; – 40 °C< Tj < 150 °C (max. 125°C for CAN circuit
characteristics); all voltages with respect to ground; positive current defined flowing into pin; unless otherwise
specified.
Parameter
Symbol
Limit Values
Unit Test Condition
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com