Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT8SF2M32MCPC Datasheet(PDF) 26 Page - Aeroflex Circuit Technology

Part # UT8SF2M32MCPC
Description  UT8SF2M32 64Megabit Flow-thru SSRAM
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT8SF2M32MCPC Datasheet(HTML) 26 Page - Aeroflex Circuit Technology

Back Button UT8SF2M32MCPC Datasheet HTML 19Page - Aeroflex Circuit Technology UT8SF2M32MCPC Datasheet HTML 20Page - Aeroflex Circuit Technology UT8SF2M32MCPC Datasheet HTML 21Page - Aeroflex Circuit Technology UT8SF2M32MCPC Datasheet HTML 22Page - Aeroflex Circuit Technology UT8SF2M32MCPC Datasheet HTML 23Page - Aeroflex Circuit Technology UT8SF2M32MCPC Datasheet HTML 24Page - Aeroflex Circuit Technology UT8SF2M32MCPC Datasheet HTML 25Page - Aeroflex Circuit Technology UT8SF2M32MCPC Datasheet HTML 26Page - Aeroflex Circuit Technology UT8SF2M32MCPC Datasheet HTML 27Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
26
36-00-01-006
Ver.
1.9.4
Aeroflex Microelectronics Solutions - HiRel
DATA SHEET REVISION HISTORY
Revision
Date
Description of Change
Page(s)
Author
9/16/13
Release of Preliminary Data Sheet
All
MJL
10/1/13
Page 3: DQ[51:0] added Aeroflex pull-up/down recommendation
Page 8: Table 4 revised
Page 9: Corrected CSx state for Sleep Mode from X to H
As noted
MJL
11/4/13
Page 3: Added manual RESET pin to Table 1.
Page 10: Pull-up/down requirements changed from 75kΩ to 10kΩ
R17 bias from VSSQ to VDDQ
P16 from VSSQ to NUIH
P11 bias from VSS to VDDQ
P6 from NUIL to VSSQ
R11 from VDDQ to RESET
Page 16: Shutdown and Sleep Mode Characterization table revised:
tSHTDWNREC corrected from 100ms max to 50us min
tCR corrected from 10us to 20us max
Page 17: Corrected Figures 4-6
As noted
MJL
1/10/14
Page 8: Added SSRAM requires VDD < VDDQ.
Clarified clock conditioning paragraph.
Page 12, 14, 16: Added VDDQ voltage range to top of tables.
Page 12: Changed IDDQ specification for all modes. Adjusted current specifications.
Page 13: Added Note 3 for 105oC post-irradiation specifications.
Page 15: Changed Note 5 to guaranteed by design and added note reference to all X
and Z specifications.
Page 23, 24: Corrected pin count for CLGA to 288 and corrected package designators
to (Z) (S).
As noted
MJL
1/23/14
Page 1: Edits to Features bullets 2,3,5 and 13
As noted
MJL
4/24/14
Page 1: SEU changed to 1x10-15
Page 6, 7: Multiple wording typo corrections
Page 11:
ΘJC changed to 3oC/W
Page 13: CIN and CI/O change to 15pF.
Page 14,1 5: Standardized signal names in descriptions and added note numbers to
some parameters. Reworded note 4.
Page 16: Added notes 3 and 4.
Page 17: Added SHUTDOWN to signal in Figure 5.
Page 22: Added advanced to Figure 11 title.
As noted
MJL
8/19/14
Page 12: Added IDDQ parameters for Stby, Shutdown, and Sleep modes. Finalized all
current limits per characterization data.
Page 14, 15: Finalized AC Setup, Hold, and Output limits per characterization data.
As noted
MJL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com