Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT8SF2M32MCPC Datasheet(PDF) 11 Page - Aeroflex Circuit Technology

Part # UT8SF2M32MCPC
Description  UT8SF2M32 64Megabit Flow-thru SSRAM
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT8SF2M32MCPC Datasheet(HTML) 11 Page - Aeroflex Circuit Technology

Back Button UT8SF2M32MCPC Datasheet HTML 7Page - Aeroflex Circuit Technology UT8SF2M32MCPC Datasheet HTML 8Page - Aeroflex Circuit Technology UT8SF2M32MCPC Datasheet HTML 9Page - Aeroflex Circuit Technology UT8SF2M32MCPC Datasheet HTML 10Page - Aeroflex Circuit Technology UT8SF2M32MCPC Datasheet HTML 11Page - Aeroflex Circuit Technology UT8SF2M32MCPC Datasheet HTML 12Page - Aeroflex Circuit Technology UT8SF2M32MCPC Datasheet HTML 13Page - Aeroflex Circuit Technology UT8SF2M32MCPC Datasheet HTML 14Page - Aeroflex Circuit Technology UT8SF2M32MCPC Datasheet HTML 15Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
11
36-00-01-006
Ver.
1.9.4
Aeroflex Microelectronics Solutions - HiRel
ABSOLUTE MAXIMUM RATINGS1
(Referenced to VSS)
Notes:
1. Permanent device damage may occur if absolute maximum ratings are exceeded. Functional operation should be restricted to recommended operating conditions.
2. All voltages are referenced to VSS.
3. Per MIL-STD-883, Method 1012, Section 3.4.1 PD = (TJ(max) - TC(max))
OPERATIONAL ENVIRONMENTS1
Notes:
1. Adams 90% worst case environment, Geosynchronous orbit, 100mils of aluminum
2. Temperature = 105oC; VDD and VDDQ = 3.6V
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
VALUE
UNIT
VDD/VDDQ
Supply Voltage2
-0.5 to 4.0
V
VIN
Voltage on any pin2
-0.3 to VDDQ+0.3
V
IIO
DC I/O current per pin @ TJ = 135o for 15 years
+10
mA
PD
Package power dissipation permitted @ TC = 105°C3
15
W
TJ
Maximum junction temperature
+150
oC
ΘJC
Thermal resistance junction to case
3
oC/W
TSTG
Storage temperature
-65 to +150
oC
PARAMETER
LIMIT
UNITS
Total Ionizing Dose (TID)
100K
rad(Si)
Heavy Ion Error Rate
1x10-15
Errors/Bit-Day
Single Event Latchup (SEL) immune2
≤ 100
MeV-cm2/mg
SYMBOL
PARAMETER
LIMITS
VDD
Core supply voltage
2.3V to VDDQ
VDDQ
I/O power supply voltage
2.3V to 3.6V
TC
Case temperature range
-55
°C to +105°C
VIN
DC input voltage
0V to VDDQ
TJ
Junction Temperature
-55
°C to +125°C
ΘJC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com