Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT8SF2M32MCPC Datasheet(PDF) 8 Page - Aeroflex Circuit Technology

Part # UT8SF2M32MCPC
Description  UT8SF2M32 64Megabit Flow-thru SSRAM
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT8SF2M32MCPC Datasheet(HTML) 8 Page - Aeroflex Circuit Technology

Back Button UT8SF2M32MCPC Datasheet HTML 4Page - Aeroflex Circuit Technology UT8SF2M32MCPC Datasheet HTML 5Page - Aeroflex Circuit Technology UT8SF2M32MCPC Datasheet HTML 6Page - Aeroflex Circuit Technology UT8SF2M32MCPC Datasheet HTML 7Page - Aeroflex Circuit Technology UT8SF2M32MCPC Datasheet HTML 8Page - Aeroflex Circuit Technology UT8SF2M32MCPC Datasheet HTML 9Page - Aeroflex Circuit Technology UT8SF2M32MCPC Datasheet HTML 10Page - Aeroflex Circuit Technology UT8SF2M32MCPC Datasheet HTML 11Page - Aeroflex Circuit Technology UT8SF2M32MCPC Datasheet HTML 12Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
8
36-00-01-006
Ver.
1.9.4
Aeroflex Microelectronics Solutions - HiRel
Power Up/ Down Requirements
The SSRAM requires that VDD < VDDQ at all times. The
SSRAM does require the user to provide an external reset after
initial power application, exiting shutdown mode, or any
power interruption to the device input voltage outside the
specified limit. Performing a reset requires the assertion of the
/RESET device input lead (LOW) for a minimum of 1us
(tRLRH). After the /RESET input is returned HIGH, the device
requires 50us (tSHTDWNREC) to complete the reset operation.
Once the reset operation is complete, the device requires an
additional 20us (tCR) to synchronize the clock input providing
a stable input clock is present. The device READY output lead
asserts HIGH once tCR is satisfied at the next rising clock. The
READY out lead HIGH indicates the device is available for
normal operations. For power down it is required that VDD and
VDDQ be powered down to <0.5V for a minimum of 100ms.
Clock Conditioning Requirements
The CLK signal input requirements are given in the Clock
section of the AC Characterizations. AC Characterization
performances listed herein are based on providing a clock
input signal meeting these requirements.
Changing Clock Frequencies
The CLK input frequency should be established at power on,
and may only be changed while in SLEEP mode (reference
Table 5).
External Connections
A precision 25kohm < +0.2% low TCR < 25ppm/oC resistor is
required to be connected between device pin EXTRES (R15)
and VSS.
In order to ensure proper operation in conjunction with JTAG
boundary (reference applications note MEM-AN-005) and
EDAC bypass capabilities, Aeroflex requires that specific
package pins be biased through soft connections to either VDD,
VDDQ or VSS. Table 4 below is a list of these required external
biases.
Notes:
1. NUIL = Not Used Input Low
2. NUIH = Not Used Input High
3. Aeroflex recommends connecting all DQ[51:0] to either VDDQ or VSS
through >10kΩ resistors.
Table 4. External Bias Conditions
Signal Name
Package Pin
Bias Condition
NUIL1
P13, R7, R8, R12,
R13, R14, R16
>10kΩ to VSSQ
NUIH2
P16
>10kΩ to VDDQ
TDO
R5
>10kΩ to VDDQ
TCK
R9
>10kΩ to VSSQ
DQ[51:0]4
ref Table 6
>10kΩ to VDDQ
orVSSQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com