Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT8SF2M32MCPC Datasheet(PDF) 12 Page - Aeroflex Circuit Technology

Part # UT8SF2M32MCPC
Description  UT8SF2M32 64Megabit Flow-thru SSRAM
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT8SF2M32MCPC Datasheet(HTML) 12 Page - Aeroflex Circuit Technology

Back Button UT8SF2M32MCPC Datasheet HTML 8Page - Aeroflex Circuit Technology UT8SF2M32MCPC Datasheet HTML 9Page - Aeroflex Circuit Technology UT8SF2M32MCPC Datasheet HTML 10Page - Aeroflex Circuit Technology UT8SF2M32MCPC Datasheet HTML 11Page - Aeroflex Circuit Technology UT8SF2M32MCPC Datasheet HTML 12Page - Aeroflex Circuit Technology UT8SF2M32MCPC Datasheet HTML 13Page - Aeroflex Circuit Technology UT8SF2M32MCPC Datasheet HTML 14Page - Aeroflex Circuit Technology UT8SF2M32MCPC Datasheet HTML 15Page - Aeroflex Circuit Technology UT8SF2M32MCPC Datasheet HTML 16Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
12
36-00-01-006
Ver.
1.9.4
Aeroflex Microelectronics Solutions - HiRel
DC ELECTRICAL CHARACTERISTICS (Pre and Post-Radiation)*
(VDD= 2.3V to VDDQ, VDDQ = 2.3 to 3.6V; Unless otherwise noted, Tc is per the temperature range ordered)
PARAMETER
DESCRIPTION
CONDITION
MIN
MAX
UNIT
VDD
Core Power Supply
Voltage
2.3
VDDQ
V
VDDQ
I/O Power Supply Voltage
2.3
3.6
V
VOH
Output HIGH Voltage
For 3.0V I/O, IOH=-4mA
0.8 *
VDDQ
V
For 2.3V I/O, IOH=-1mA
2.0
V
VOL
Output LOW Voltage
For 3.0V I/O, IOL=8mA
0.4
V
For 2.3V I/O, IOL=1mA
0.4
V
VIH
Input HIGH Voltage
For 3.0V I/O
2.0
V
For 2.3V I/O
1.7
V
VIL
Input LOW Voltage
For 3.0V I/O
0.8
V
For 2.3V I/O
0.7
V
IIN1
Input Leakage Current
VIN = VDDQ and VSS
Except device pins EDACEN, SCRUBEN, TDI,
TMS
-2
2
μA
IIN2
Input Leakage Current
VIN = VDDQ
Device pins EDACEN, SCRUBEN, TDI, TMS
2
μA
VIN = VSS
Device pins EDACEN, SCRUBEN, TDI, TMS
-100
μA
IOZ
Three-State Output
Leakage Current
VDD, VDDQ = (Max),
VO = VDDQ and VSS,
OE = VDDQ (Max)
-2
2
μA
IOS1,2
Short-Circuit Output
Current
VDD, VDDQ = (Max),
VO = VDDQ and VSS
-100
100
mA
IDD3
VDD Supply Current in
Active Mode
VDD, VDDQ = (Max),
IOUT = 0mA,
f = fmax
105oC
700
mA
-55oC and 25oC
600
mA
IDDQ3
VDDQ Supply Current in
Active Mode
VDD, VDDQ = (Max)
IOUT = 0mA,
f = fmax
105oC
60
mA
-55oC and 25oC
60
mA
ISHTDWN3
VDD Supply Current in
Shutdown Mode
VDD, VDDQ = (Max),
VIN > VIH or VIN < VIL,
SHUTDOWN > VIH
105oC
250
mA
-55oC and 25oC
200
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com