Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT8SF2M32MCPC Datasheet(PDF) 23 Page - Aeroflex Circuit Technology

Part # UT8SF2M32MCPC
Description  UT8SF2M32 64Megabit Flow-thru SSRAM
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT8SF2M32MCPC Datasheet(HTML) 23 Page - Aeroflex Circuit Technology

Back Button UT8SF2M32MCPC Datasheet HTML 19Page - Aeroflex Circuit Technology UT8SF2M32MCPC Datasheet HTML 20Page - Aeroflex Circuit Technology UT8SF2M32MCPC Datasheet HTML 21Page - Aeroflex Circuit Technology UT8SF2M32MCPC Datasheet HTML 22Page - Aeroflex Circuit Technology UT8SF2M32MCPC Datasheet HTML 23Page - Aeroflex Circuit Technology UT8SF2M32MCPC Datasheet HTML 24Page - Aeroflex Circuit Technology UT8SF2M32MCPC Datasheet HTML 25Page - Aeroflex Circuit Technology UT8SF2M32MCPC Datasheet HTML 26Page - Aeroflex Circuit Technology UT8SF2M32MCPC Datasheet HTML 27Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
23
36-00-01-006
Ver.
1.9.4
Aeroflex Microelectronics Solutions - HiRel
ORDERING INFORMATION
2M x 32 SSRAM
Package Option
Associated Lead Finish Option
(Z) 288-CLGA
(C) Gold
(S) 288-CCGA
(A) Hot Solder Dipped
(C) 288-CBGA
(A) Hot Solder Dipped
UT ******* - *
Lead Finish: (Note 1)
(C) = Gold
(A) = Solder
Screening: (Notes 2, 3)
(F) = HiRel Flow (Temperature Range: -55
°C to +105°C) (In development, contact factory)
(P) = Prototype Flow (Temperature Range: 25oC only)
Package Type:
(Z) = 288-Lead Ceramic Land Grid Array (CLGA)
(S) = 288-Lead Ceramic Column Grid Array (CCGA)
(C) = 288-Lead Ceramic Ball Grid Array (CBGA)
Access Time:
(M) = 80MHz Maximum Frequency
Device Type:
(8SF2M32) = 2Mbit x 32 SSRAM Device
Notes:
1. Lead finish per the table below.
2. Prototype Flow per Aeroflex Manufacturing Flows Document. Devices are tested at 25oC only. Radiation is neither tested nor guaranteed.
3. HiRel flow per Aeroflex Manufacturing Flows Document. Radiation is neither tested nor guaranteed.
* * *



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com