Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT8SF2M32MCPC Datasheet(PDF) 24 Page - Aeroflex Circuit Technology

Part # UT8SF2M32MCPC
Description  UT8SF2M32 64Megabit Flow-thru SSRAM
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT8SF2M32MCPC Datasheet(HTML) 24 Page - Aeroflex Circuit Technology

Back Button UT8SF2M32MCPC Datasheet HTML 19Page - Aeroflex Circuit Technology UT8SF2M32MCPC Datasheet HTML 20Page - Aeroflex Circuit Technology UT8SF2M32MCPC Datasheet HTML 21Page - Aeroflex Circuit Technology UT8SF2M32MCPC Datasheet HTML 22Page - Aeroflex Circuit Technology UT8SF2M32MCPC Datasheet HTML 23Page - Aeroflex Circuit Technology UT8SF2M32MCPC Datasheet HTML 24Page - Aeroflex Circuit Technology UT8SF2M32MCPC Datasheet HTML 25Page - Aeroflex Circuit Technology UT8SF2M32MCPC Datasheet HTML 26Page - Aeroflex Circuit Technology UT8SF2M32MCPC Datasheet HTML 27Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
24
36-00-01-006
Ver.
1.9.4
Aeroflex Microelectronics Solutions - HiRel
2M x 32 SSRAM: SMD
Lead Finish: (Note 1)
(C) = Gold
(F) = Solder
Case Outline:
(X) = 288-Lead Ceramic Land Grid Array (CLGA)
(F) = 288-Lead Ceramic Column Grid Array (CCGA)
Class Designator:
(Q) = QML Class Q (In development, contact factory)
Device Type: (Note 2)
(01) = fmax = 80MHz, QML Q only (Temperature Range: -55
°C to +105°C)
(02) = fmax = 80MHz Aeroflex Q+ Flow (Temperature Range -55
°C to +105°C)
Drawing Number:
(15214) = 2M x 32 SSRAM
Total Dose:
(R) = 100 krad(Si)
Federal Stock Class Designator: No options
Notes:
1. Lead finish per the table below.
2. Aeroflex’s Q+ assembly flow, as defined in section 4.2.2.d of the SMD, provides QML-Q product through the SMD that is manufactured with Aeroflex’s
QML-V flow.
5962 * ***** ** ** *
Package Option
Associated Lead Finish Option
(X) 288-CLGA
(C) Gold
(F) 288-CCGA
(F) Hot Solder Dipped



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com