Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT8SF2M32MCPC Datasheet(PDF) 15 Page - Aeroflex Circuit Technology

Part # UT8SF2M32MCPC
Description  UT8SF2M32 64Megabit Flow-thru SSRAM
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT8SF2M32MCPC Datasheet(HTML) 15 Page - Aeroflex Circuit Technology

Back Button UT8SF2M32MCPC Datasheet HTML 11Page - Aeroflex Circuit Technology UT8SF2M32MCPC Datasheet HTML 12Page - Aeroflex Circuit Technology UT8SF2M32MCPC Datasheet HTML 13Page - Aeroflex Circuit Technology UT8SF2M32MCPC Datasheet HTML 14Page - Aeroflex Circuit Technology UT8SF2M32MCPC Datasheet HTML 15Page - Aeroflex Circuit Technology UT8SF2M32MCPC Datasheet HTML 16Page - Aeroflex Circuit Technology UT8SF2M32MCPC Datasheet HTML 17Page - Aeroflex Circuit Technology UT8SF2M32MCPC Datasheet HTML 18Page - Aeroflex Circuit Technology UT8SF2M32MCPC Datasheet HTML 19Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
15
36-00-01-006
Ver.
1.9.4
Aeroflex Microelectronics Solutions - HiRel
Notes:
* For devices procured with a total ionizing dose tolerance guarantee, the post-irradiation performance is guaranteed at 25oC per MIL-STD-883 Method 1019,
Condition A up to the maximum TID level procured
1. AC Characteristics based on compliance with CLOCK input specifications
2. Supplied as a design guideline, not tested or guaranteed.
3. Period and Cycle to Cycle jitter is defined by JEDEC Standard 65B
4. Maximum data output valid times guaranteed up to 25pf load capacitance. For loads >25pf, a derating factor of parameter = [specification max(ns) + (CLoad -
25pF)(44.2ps/pF].
5. Guranteed by design.
tOEQZ5
OE inactive to output three-state time
4.5
ns
tOEQX5
OE active to output enable time
0
ns
tCMV14
Multiple bit error (MBE0/MBE1) valid after rising CLK
12
ns
tCMV24
Multiple bit error (MBEC) valid after rising CLK
13
ns
tOEMV14
OE active to MBE0/MBE1 valid
4.0
ns
tOEMV24
OE active to MBEC valid
4.5
ns
tCMZ15
Rising CLK to MBE0/MBE1 three-state time
4.5
ns
tCMZ25
Rising CLK to MBEC three-state time
4.5
ns
tCMX15
Rising CLK to MBE0/MBE1 enable time
1.4
ns
tCMX25
Rising CLK to MBEC enable time
1.4
ns
tOEMZ15
OE inactive to MBE0/MBE1 three-state time
4.5
ns
tOEMZ25
OE inactive to MBEC three-state time
5.5
ns
tOEMX15
OE active to MBE0/MBE1 enable time
0
ns
tOEMX25
OE active to MBEC enable time
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com