Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT54ACTS899 Datasheet(PDF) 3 Page - Aeroflex Circuit Technology

Part # UT54ACTS899
Description  9-bit Latchable Transceiver with Parity Generator/Checker
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54ACTS899 Datasheet(HTML) 3 Page - Aeroflex Circuit Technology

  UT54ACTS899 Datasheet HTML 1Page - Aeroflex Circuit Technology UT54ACTS899 Datasheet HTML 2Page - Aeroflex Circuit Technology UT54ACTS899 Datasheet HTML 3Page - Aeroflex Circuit Technology UT54ACTS899 Datasheet HTML 4Page - Aeroflex Circuit Technology UT54ACTS899 Datasheet HTML 5Page - Aeroflex Circuit Technology UT54ACTS899 Datasheet HTML 6Page - Aeroflex Circuit Technology UT54ACTS899 Datasheet HTML 7Page - Aeroflex Circuit Technology UT54ACTS899 Datasheet HTML 8Page - Aeroflex Circuit Technology UT54ACTS899 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
FUNCTIONAL DESCRIPTION
The UT54ACTS899 has three principal modes of operation
which are outlined below. These modes apply to both A-to-B
and B-to-A directions.
- Bus A (B) communicates to Bus B (A), parity is generated
and passed on to the B (A) Bus as BPAR (APAR). If LEB
(LEA) is HIGH and the Mode Select (SEL) is LOW, the parity
generated from B[0:7] (A[0:7]) can be checked and moni-
tored by ERRB (ERRA).
FUNCTIONAL TABLE
- Bus A (B) communicates to Bus B (A) in a feed-through mode
if SEL is HIGH. Parity is still generated and checked as
ERRA and ERRB in the feed-through mode (can be used as
an interrupt to signal a data/parity bit error to the CPU).
- Independent Latch Enables (LEA and LEB) allow other per-
mutations of generating/checking. (see Function Table below)
H = High voltage level
L = Low voltage level
X = Do not care
Note 1: O/E = ODD/EVEN
INPUTS
OPERATION
GAB
GBA
SEL
LEA
LEB
H
H
X
X
X
Busses A and B are Tri-State (input A & B simultaneously)
H
L
L
L
H
Generates parity from B[0:7] based on O/E (Note 1). Generated parity --> APAR.
Generated parity checked against BPAR and output as ERRB.
H
L
L
H
H
Generates parity from B[0:7] based on O/E. Generated parity --> APAR.
Generated parity checked against BPAR and output as ERRB.
Generated parity also fed back through the A latch for generate/check as ERRA.
H
L
L
X
L
Generates parity from B latch data based on O/E. Generated parity --> APAR.
Generated parity checked against latched BPAR and output as ERRB.
H
L
H
X
H
BPAR/B[0:7] --> APAR/A[0:7] Feed-through mode.
Generated parity checked against BPAR and output as ERRB.
H
L
H
H
H
BPAR/B[0:7] --> APAR/A[0:7] Feed-through mode.
Generated parity checked against BPAR and output as ERRB.
APAR/A[0:7] fed back through the A latch for generate/check as ERRA.
L
H
L
H
L
Generates parity from A[0:7] based on O/E. Generated parity --> BPAR.
Generated parity checked against APAR and output as ERRA.
L
H
L
H
H
Generates parity from A[0:7] based on O/E. Generated parity --> BPAR.
Generated parity checked against APAR and output as ERRA.
Generated parity also fed back through the B latch for generate/check as ERRB.
L
H
L
L
X
Generates parity from A latch data based on O/E. Generated parity --> BPAR.
Generated parity checked against latched APAR and output as ERRA.
L
H
H
H
L
APAR/A[0:7)]--> BPAR/B[0:7] Feed-through mode.
Generated parity checked against APAR and output as ERRA.
L
H
H
H
H
APAR/A[0:7] --> BPAR/B[0:7] Feed-through mode.
Generated parity checked against APAR and output as ERRA.
BPAR/B[0:7] fed back through the B latch for generate/check as ERRB.
L
L
X
X
X
Output to A bus and B bus (NOT ALLOWED).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com