Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT54ACTS899 Datasheet(PDF) 14 Page - Aeroflex Circuit Technology

Part # UT54ACTS899
Description  9-bit Latchable Transceiver with Parity Generator/Checker
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54ACTS899 Datasheet(HTML) 14 Page - Aeroflex Circuit Technology

Back Button UT54ACTS899 Datasheet HTML 9Page - Aeroflex Circuit Technology UT54ACTS899 Datasheet HTML 10Page - Aeroflex Circuit Technology UT54ACTS899 Datasheet HTML 11Page - Aeroflex Circuit Technology UT54ACTS899 Datasheet HTML 12Page - Aeroflex Circuit Technology UT54ACTS899 Datasheet HTML 13Page - Aeroflex Circuit Technology UT54ACTS899 Datasheet HTML 14Page - Aeroflex Circuit Technology UT54ACTS899 Datasheet HTML 15Page - Aeroflex Circuit Technology UT54ACTS899 Datasheet HTML 16Page - Aeroflex Circuit Technology UT54ACTS899 Datasheet HTML 17Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
14
Note:
1. VIM = 1.5V, VOM = VDD/2
Figure 11. 3-State Output Enable Time to Low Level and Output Disable Time from Low Level
INPUT
An, APAR
(Bn, BPAR)
VIM
VIM
VOM
GBA
(GAB)
OUTPUT
VOM
VOL
tPLZ1,2
tPZL1,2
VOM - 0.2V
0.2VDD+0.2V
+3.0V
0V
Note:
1. VIM = 1.5V, VOM = VDD/2
Figure 12. Data Setup and Hold Times, Pulse Width High
LEA, LEB
tw
VALID
VIM
VIM
VIM
INPUT
tH
tS
APAR, An
BPAR ,Bn
VIM INPUT
+3.0V
0V
+3.0V
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com