Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT54ACTS899 Datasheet(PDF) 7 Page - Aeroflex Circuit Technology

Part # UT54ACTS899
Description  9-bit Latchable Transceiver with Parity Generator/Checker
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54ACTS899 Datasheet(HTML) 7 Page - Aeroflex Circuit Technology

Back Button UT54ACTS899 Datasheet HTML 3Page - Aeroflex Circuit Technology UT54ACTS899 Datasheet HTML 4Page - Aeroflex Circuit Technology UT54ACTS899 Datasheet HTML 5Page - Aeroflex Circuit Technology UT54ACTS899 Datasheet HTML 6Page - Aeroflex Circuit Technology UT54ACTS899 Datasheet HTML 7Page - Aeroflex Circuit Technology UT54ACTS899 Datasheet HTML 8Page - Aeroflex Circuit Technology UT54ACTS899 Datasheet HTML 9Page - Aeroflex Circuit Technology UT54ACTS899 Datasheet HTML 10Page - Aeroflex Circuit Technology UT54ACTS899 Datasheet HTML 11Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
AC ELECTRICAL CHARACTERISTICS 1
(VDD = 3.3 + 0.3V, TC = -55C to +125C); Unless otherwise noted, Tc is per the temperature ordered)
SYMBOL
PARAMETER
MINIMUM
MAXIMUM
UNIT
tPHL1
Propagation Delay - An, Bn to Bn, An
4.0
11.5
ns
tPLH1
Propagation Delay - An, Bn to Bn, An
4.0
11.5
ns
tPHL2
Propagation Delay - APAR, BPAR to BPAR, APAR
4.0
11.5
ns
tPLH2
Propagation Delay - APAR, BPAR to BPAR, APAR
4.0
11.5
ns
tPHL3
Propagation Delay - An, Bn to BPAR, APAR
5.0
12.0
ns
tPLH3
Propagation Delay - An, Bn to BPAR, APAR
5.0
12.0
ns
tPHL4
Propagation Delay - An, Bn to ERRA, ERRB
5.0
12.0
ns
tPLH4
Propagation Delay - An, Bn to ERRA, ERRB
5.0
12.0
ns
tPHL5
Propagation Delay - ODD/EVEN to ERRA, ERRB
4.0
9.0
ns
tPLH5
Propagation Delay - ODD/EVEN to ERRA, ERRB
4.0
9.0
ns
tPHL6
Propagation Delay - ODD/EVEN to APAR, BPAR
4.0
9.0
ns
tPLH6
Propagation Delay - ODD/EVEN to APAR, BPAR
4.0
9.0
ns
tPHL7
Propagation Delay - APAR, BPAR to ERRA, ERRB
4.0
9.0
ns
tPLH7
Propagation Delay - APAR, BPAR to ERRA, ERRB
4.0
9.0
ns
tPHL8
Propagation Delay - SEL to APAR, BPAR
3.5
8.5
ns
tPLH8
Propagation Delay - SEL to APAR, BPAR
3.5
8.5
ns
tPHL9
Propagation Delay - LEA, LEB to Bn, An
3.5
8.5
ns
tPLH9
Propagation Delay - LEA, LEB to An, Bn
3.5
8.5
ns
tPHL10
Propagation Delay - LEA, LEB to BPAR, APAR
4.0
9.0
ns
tPLH10
Propagation Delay - LEA, LEB to APAR, BPAR
4.0
9.0
ns
tPHL11
Propagation Delay - LEA, LEB to ERRA, ERRB
5.0
12.0
ns
tPLH11
Propagation Delay - LEA, LEB to ERRA, ERRB
5.0
12.0
ns
tPZH1
Output Enable Time - GBA or GAB to An, Bn
3.5
9.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com