Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT54ACTS899 Datasheet(PDF) 13 Page - Aeroflex Circuit Technology

Part # UT54ACTS899
Description  9-bit Latchable Transceiver with Parity Generator/Checker
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54ACTS899 Datasheet(HTML) 13 Page - Aeroflex Circuit Technology

Back Button UT54ACTS899 Datasheet HTML 9Page - Aeroflex Circuit Technology UT54ACTS899 Datasheet HTML 10Page - Aeroflex Circuit Technology UT54ACTS899 Datasheet HTML 11Page - Aeroflex Circuit Technology UT54ACTS899 Datasheet HTML 12Page - Aeroflex Circuit Technology UT54ACTS899 Datasheet HTML 13Page - Aeroflex Circuit Technology UT54ACTS899 Datasheet HTML 14Page - Aeroflex Circuit Technology UT54ACTS899 Datasheet HTML 15Page - Aeroflex Circuit Technology UT54ACTS899 Datasheet HTML 16Page - Aeroflex Circuit Technology UT54ACTS899 Datasheet HTML 17Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13
Note:
1. VIM = 1.5V, VOM = VDD/2
2. APAR (BPAR) = ODD/EVEN = 3.0V = H
Figure 9. Propagation Delay, LEA to ERRA or LEB to ERRB (with Odd Parity Mode Shown)
Figure 10. 3-State Output Enable Time to High Level and Output Disable Time from High Level
Note:
1. VIM = 1.5V, VOM = VDD/2
INPUT
An, APAR
(Bn, BPAR)
VIM
VIM
VOM
0.8VDD-0.2V
OUTPUT
VOH
VOM
tPHZ1,2
tPZH1,2
GBA
(GAB)
VOM+0.2V
+3.0V
0V
VIM
VOM
VOH
INPUT
OUTPUT
tPLH11
INPUT
LEA
(LEB)
tPHL11
ODD PARITY
ODD PARITY
VIM
EVEN PARITY
ERRA
(ERRB)
VOL
VOM
An
(Bn)
+3.0V
+3.0V
0V
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com