Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT54ACTS899 Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # UT54ACTS899
Description  9-bit Latchable Transceiver with Parity Generator/Checker
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54ACTS899 Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  UT54ACTS899 Datasheet HTML 1Page - Aeroflex Circuit Technology UT54ACTS899 Datasheet HTML 2Page - Aeroflex Circuit Technology UT54ACTS899 Datasheet HTML 3Page - Aeroflex Circuit Technology UT54ACTS899 Datasheet HTML 4Page - Aeroflex Circuit Technology UT54ACTS899 Datasheet HTML 5Page - Aeroflex Circuit Technology UT54ACTS899 Datasheet HTML 6Page - Aeroflex Circuit Technology UT54ACTS899 Datasheet HTML 7Page - Aeroflex Circuit Technology UT54ACTS899 Datasheet HTML 8Page - Aeroflex Circuit Technology UT54ACTS899 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
DC ELECTRICAL CHARACTERISTICS* 1
( VDD = 3.3 + 0.3V, TC = -55C to +125C); Unless otherwise noted, Tc is per the temperature ordered
SYMBOL
PARAMETER
CONDITION
MIN
MAX
UNIT
VIL
Low level input voltage2
VDD from 4.5V to 5.5V
0.8
V
VIH
High level input voltage2
VDD from 4.5V to 5.5V
2.0
V
IIN
Input leakage current
VDD from 4.5 to 5.5
VIN = VDD or VSS
-1
1
A
IOZ
Three-state output leakage current
VDD from 4.5 to 5.5
VIN = VDD or VSS
-10
10
A
IOS
Short-circuit output current3, 4
VO = VDD or VSS
VDD from 4.5 to 5.5
-600
600
mA
VOL1
Low-level output voltage5
IOL= 24mA
-55C, +25oC
IOL= 24mA
+125oC
IOL= 100A
VIN = 2.0V or 0.8V
VDD = 4.5 to 5.5
0.4
0.5
0.2
V
VOL2
Low-level output voltage5, 6
IOL= 50mA
-55C, +25oC
VIN = 2.0V or 0.8V
VDD = 5.5V
+125oC
0.8
1.0
V
VOH1
High-level output voltage5
IOH= -24mA
-55, +25oC
IOH= -24mA
+125oC
IOH= -100A
VIN = 2.0V or 0.8V
VDD = 4.5 to 5.5V
VDD - 0.64
VDD - 0.8
VDD - 0.2
V
VOH2
High-level output voltage5, 6
IOH= -50mA
-55C, 25oC
VIN = 2.0V or 0.8V
+125oC
VDD = 5.5V
VDD -1.1
VDD -1.25
V
VIC+
Positive input clamp voltage
For input under test, IIN = +18mA
VDD = 0.0V
0.4
1.5
V
VIC-
Negative input clamp voltage
For input under test, IIN = -18mA
VDD = open
-1.5
-0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com