Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT54ACTS899 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # UT54ACTS899
Description  9-bit Latchable Transceiver with Parity Generator/Checker
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54ACTS899 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  UT54ACTS899 Datasheet HTML 1Page - Aeroflex Circuit Technology UT54ACTS899 Datasheet HTML 2Page - Aeroflex Circuit Technology UT54ACTS899 Datasheet HTML 3Page - Aeroflex Circuit Technology UT54ACTS899 Datasheet HTML 4Page - Aeroflex Circuit Technology UT54ACTS899 Datasheet HTML 5Page - Aeroflex Circuit Technology UT54ACTS899 Datasheet HTML 6Page - Aeroflex Circuit Technology UT54ACTS899 Datasheet HTML 7Page - Aeroflex Circuit Technology UT54ACTS899 Datasheet HTML 8Page - Aeroflex Circuit Technology UT54ACTS899 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
Standard Products
UT54ACTS899
9-bit Latchable Transceiver with Parity Generator/Checker
Datasheet
May 16, 2012
www.aeroflex.com/Logic
FEATURES
 Latchable transceiver with output source/sink of 24mA
 Option to select generate parity and check or "feed-through"
data/parity in directions A-to-B or B-to-A
 Independent latch enable for A-to-B and B-to-A directions
 Select pin for ODD/EVEN parity
 ERRA and ERRB output pins for parity checking
 Ability to simultaneously generate and check parity
m Commercial CMOS
 Operational environment:
- Total dose: 100K rad(Si)
- Single Event Latchup immune
- SEU immune
 Standard Microcircuit Drawing 5962-06240
- QML compliant part
 Package:
- 28-pin ceramic flatpack
DESCRIPTION
The UT54ACTS899 is a 9-bit to 9-bit parity transceiver with
transparent latches. The device can operate as a feed-through
transceiver or it can generate/check parity from the 8-bit data
busses in either direction. The UT54ACTS899 features inde-
pendent latch enables for the A-to-B direction and the B-to-A
direction, a select pin for ODD/EVEN parity, and separate
error signal output pins for checking parity.
PIN DESCRIPTION
Inputs
Outputs
A0-A7
A Bus Data Inputs/Data Outputs
B0-B7
B Bus Data Inputs/Data Outputs
APAR, BPAR
A and B Bus Parity Inputs
ODD/EVEN
ODD/EVEN Parity Select, Active LOW for
EVEN Parity
GBA, GAB
Output Enables for A or B Bus, Active Low
SEL
Select Pin for Feed-through or Generate
Mode, LOW for Generate Mode
LEA, LEB
Latch Enables for A and B Latches, HIGH
for Transparent Mode
ERRA, ERRB
Error Signals for Checking Generated Par-
ity with Parity In, LOW if Error Occurs
28-Lead Flatpack
Pinout
1
2
3
4
5
7
6
28
27
26
25
24
22
23
ODD/EVEN
ERRA
LEA
A0
A1
A2
A3
VDD
GAB
B0
B1
B2
B4
8
21
A4
B5
B3
9
20
A5
B6
10
19
A6
B7
A7
APAR
GBA
VSS
11
12
13
14
18
17
16
15
BPAR
LEB
SEL
ERRB


Similar Part No. - UT54ACTS899

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT54ACTS85 AEROFLEX-UT54ACTS85 Datasheet
248Kb / 10P
4-Bit Comparators
UT54ACTS86 AEROFLEX-UT54ACTS86 Datasheet
229Kb / 9P
Quadruple 2-Input Exclusive OR Gates
More results

Similar Description - UT54ACTS899

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ACT899 NSC-54ACT899 Datasheet
311Kb / 12P
9-Bit Latchable Transceiver with Parity Generator/Checker
54F280DM NSC-54F280DM Datasheet
152Kb / 8P
9-Bit Parity Generator/Checker
logo
Fairchild Semiconductor
74ABT899 FAIRCHILD-74ABT899 Datasheet
128Kb / 16P
9-Bit Latchable Transceiver with Parity Generator/Checker
74ACT899 FAIRCHILD-74ACT899 Datasheet
78Kb / 9P
9-Bit Latchable Transceiver with Parity Generator/Checker
74F899 FAIRCHILD-74F899 Datasheet
89Kb / 12P
9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Toshiba Semiconductor
TC74AC280P TOSHIBA-TC74AC280P Datasheet
265Kb / 7P
9 - BIT PARITY GENERATOR CHECKER
logo
National Semiconductor ...
74AC899 NSC-74AC899 Datasheet
214Kb / 14P
9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Renesas Technology Corp
HD74AC280 RENESAS-HD74AC280 Datasheet
214Kb / 8P
9-bit Parity Generator/Checker
logo
Texas Instruments
74AC11280 TI1-74AC11280 Datasheet
99Kb / 5P
9-BIT PARITY GENERATOR/CHECKER
SN74BCT899 TI1-SN74BCT899 Datasheet
120Kb / 8P
9-BIT LATCHABLE TRANSCEIVER WITH PARITY GENERATOR/CHECKER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com