Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT54ACTS899 Datasheet(PDF) 6 Page - Aeroflex Circuit Technology

Part # UT54ACTS899
Description  9-bit Latchable Transceiver with Parity Generator/Checker
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54ACTS899 Datasheet(HTML) 6 Page - Aeroflex Circuit Technology

Back Button UT54ACTS899 Datasheet HTML 2Page - Aeroflex Circuit Technology UT54ACTS899 Datasheet HTML 3Page - Aeroflex Circuit Technology UT54ACTS899 Datasheet HTML 4Page - Aeroflex Circuit Technology UT54ACTS899 Datasheet HTML 5Page - Aeroflex Circuit Technology UT54ACTS899 Datasheet HTML 6Page - Aeroflex Circuit Technology UT54ACTS899 Datasheet HTML 7Page - Aeroflex Circuit Technology UT54ACTS899 Datasheet HTML 8Page - Aeroflex Circuit Technology UT54ACTS899 Datasheet HTML 9Page - Aeroflex Circuit Technology UT54ACTS899 Datasheet HTML 10Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
Notes:
* For devices procured with a total ionizing dose tolerance guarantee, the post-irradiation performance is guaranteed at 25×C per MIL-STD-883 Method 1019, Condition
A up to the maximum TID level procured.
1. All specifications valid for radiation dose
 1E5 rad(Si) per MIL-STD-883, Method 1019.
2. Functional tests are conducted in accordance with MIL-STD-883 with the following input test conditions: VIH = VIH(min) + 20%, - 0%; VIL = VIL(max) + 0%, -
50%, as specified herein, for TTL, CMOS, or Schmitt compatible inputs. Devices may be tested using any input voltage within the above specified range, but are
guaranteed to VIH(min) and VIL(max).
3. Not more than one output may be shorted at a time for maximum duration of one second.
4. Supplied as a design limit, but not guaranteed or tested.
5. Per MIL-PRF-38535, for current density
 5.0E5 amps/cm2, the maximum product of load capacitance (per output buffer) times frequency should not exceed 3,765
pF-MHz.
6. Transmission driving tests are performed at VDD = 5.5V, only one output loaded at a time with a duration not to exceed 2ms. The test is guaranteed, if not tested,
for VIN=VIH minimum or VIL maximum.
7. Power dissipation specified per switching output.
8. Guaranteed by characterization.
9. Power does not include power contribution of any CMOS output sink current.
10. Capacitance measured for initial qualification and when design changes may affect the value. Capacitance is measured between the designated terminal and VSS
at frequency of 1MHz and a signal amplitude of 50mV rms maximum.
Ptotal
Power dissipation7, 8, 9
CL = 20pF
VDD from 4.5 to 5.5
1.0
mW/
MHz
IDDQ
Standby Supply Current VDD
Pre-Rad 25oC
Pre-Rad -55oC to +125oC
Post-Rad 25oC
VIN = VDD or VSS
VDD = 5.5
OE=VDD
OE=VDD
OE=VDD
10
160
A
A
I
DDQ
Quiescent Supply Current Delta, TTL in-
put level
Pre-Rad 25oC, Pre-Rad -55oC to +125oC
Post-Rad 25oC
For input under test
VIN = VDD - 2.1V
For other inputs
VIN = VDD or VSS
VDD = 5.5V
1.6
mA
CIN
Input capacitance 10
 = 1MHz @ 0V
VDD from 4.5 to 5.5
21
pF
COUT
Output capacitance10
 = 1MHz @ 0V
VDD from 4.5 to 5.5
21
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com