Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3554TMX/NOPB Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # LM3554TMX/NOPB
Description  Synchronous Boost Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3554TMX/NOPB Datasheet(HTML) 26 Page - Texas Instruments

Back Button LM3554TMX/NOPB Datasheet HTML 22Page - Texas Instruments LM3554TMX/NOPB Datasheet HTML 23Page - Texas Instruments LM3554TMX/NOPB Datasheet HTML 24Page - Texas Instruments LM3554TMX/NOPB Datasheet HTML 25Page - Texas Instruments LM3554TMX/NOPB Datasheet HTML 26Page - Texas Instruments LM3554TMX/NOPB Datasheet HTML 27Page - Texas Instruments LM3554TMX/NOPB Datasheet HTML 28Page - Texas Instruments LM3554TMX/NOPB Datasheet HTML 29Page - Texas Instruments LM3554TMX/NOPB Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 47 page
background image
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
TX1/
TORCH
Bit 7
Bit 6
MSB
LSB
Configuration Register 1
Register Address 0xE0
TX2
Polarity
ENVM/TX2
HYST
Ext Flash
Inhibit
OV
LL
Disable
LEDI/NTC
26
LM3554
SNVS549C – JUNE 2009 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: LM3554
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Table 5. Flags Register Bit Settings
Bit 7 (VIN
Monitor Fault
Fault)
Bit 6 (Unused)
Bit 5 (LED
Thermal
Fault)
Bit 4 (TX2
Interrupt)
Bit 3 (TX1
Interrupt )
Bit 2 (Led
Fault)
Bit 1 (Thermal
Shutdown)
Bit 0 (Flash
Timeout)
0 = No Fault at
VIN (default)
Not Used
(Reads Back 1
)
0 = LEDI/NTC
pin is above
VTRIP (default)
0 = ENVM/TX2
has not
changed state
(default)
0 = TX1/TORCH
has not changed
state (default)
0 = Proper
LED Operation
(default)
0 = Die
Temperature
below Thermal
Shutdown Limit
(default)
0 = Flash
TimeOut did not
expire (default)
1 = Input
Voltage
Monitor is
enabled and
VIN has fallen
below the
programmed
threshold
1 = LEDI/NTC
has fallen
below
VTRIP(NTC
mode only)
1 = ENVM/TX2
has changed
state (TX2
mode only)
1 = TX1/TORCH
pin has changed
state (TX1 mode
only)
1 = LED Failed
(Open or Short
1 = Die
Temperature
has crossed
the Thermal
Shutdown
Threshold
1 = Flash
TimeOut
Expired
7.6.1.5 Configuration Register 1
Configuration Register 1 holds the light load disable bit, the voltage mode select bit (OV), the external flash
inhibit bit, the control bit for the LEDI/NTC pin, the control bit for ENVM to TX2 mode, the polarity selection bit for
the TX2 input, and the control bit for the TX1/TORCH bit (see and Table 6).
Configuration Register 1 Description
Table 6. Configuration Register 1 Bit Settings
Bit 7
(Hardware
Torch Mode
Enable)
Bit 6 (TX2
Polarity)
Bit 5
(ENVM/TX2)
Bit 4 (N/A)
Bit 3
(LEDI/NTC)
Bit 2 (External
Flash Inhibit)
Bit 1 (OV,
Output
Voltage
Select)
Bit 0
(Disable Light
Load )
0 =
TX1/TORCH is
a TX1 flash
interrupt input
(default)
0 = ENVM/TX2
pin is an active
low Flash
inhibit
0 = ENVM
Mode The
ENVM/TX2 pin
is a logic input
to enable
Voltage Mode.
A high on
ENVM/TX2
forces voltage-
output mode
(default)
Reads Back '0'
0 = LEDI/NTC
pin in Indicator
mode (default)
0 = STROBE
Input Enabled
(default)
0 = Voltage
Mode output
voltage is 4.5 V
0 = Light load
comparator is
enabled. The
LM3554 goes
into PFM mode
at light load
(default).
1 =
TX1/TORCH
pin is a
hardware
TORCH enable
1 = ENVM/TX2
pin is an active
high Flash
inhibit (default)
1 = TX2 Mode
The ENVM/TX2
is a Power
Amplifier
Synchronization
input. A high on
ENVM/TX2
forces the
LM3554 from
flash to torch
mode.
1 = LEDI/NTC
pin in Thermal
Comparator
Mode. Indicator
current is
disabled.
1 = STROBE
Input Disabled
1 = Voltage
Mode output
voltage is 5 V
(default)
1 = Light load
comparator is
disabled. The
LM3554 does
not go into PFM
mode at light
load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com