Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3554TMX/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM3554TMX/NOPB
Description  Synchronous Boost Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3554TMX/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM3554TMX/NOPB Datasheet HTML 6Page - Texas Instruments LM3554TMX/NOPB Datasheet HTML 7Page - Texas Instruments LM3554TMX/NOPB Datasheet HTML 8Page - Texas Instruments LM3554TMX/NOPB Datasheet HTML 9Page - Texas Instruments LM3554TMX/NOPB Datasheet HTML 10Page - Texas Instruments LM3554TMX/NOPB Datasheet HTML 11Page - Texas Instruments LM3554TMX/NOPB Datasheet HTML 12Page - Texas Instruments LM3554TMX/NOPB Datasheet HTML 13Page - Texas Instruments LM3554TMX/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
10
LM3554
SNVS549C – JUNE 2009 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: LM3554
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
VIN = 3.6 V, LEDs are Lumiled PWF-4, COUT = 10 µF, CIN = 4.7 µF, L = FDSE0312-2R2 (2.2 µH, RL = 0.15 Ω), TA = 25°C,
unless otherwise specified.
(1)
The typical curve for overvoltage protection (OVP) is measured in closed loop using the Typical Application Circuit. The OVP value is
found by forcing an open circuit in the LED1 and LED2 path and recording the peak value of VOUT. The value given in Electrical
Characteristics is found in an open-loop configuration by ramping the voltage at OUT until the OVP comparator trips. The closed loop
data can appear higher due to the stored energy in the inductor being dumped into the output capacitor after the OVP comparator trips.
At worst case is an open circuit condition where the output voltage can continue to rise after the OVP comparator trips by approximately
IIN× sqrt (L/COUT).
Figure 20. VIN Monitor Thresholds vs Temperature
Figure 21. OVP Thresholds vs VIN
(1)
Figure 22. Short Circuit Current Limit vs VIN
VLEDI = 2 V
Figure 23. Indicator Current vs VIN
(Torch Brightness Register Bits[7:6] = 00)
VLEDI = 2 V
Figure 24. Indicator Current vs VIN
(Torch Brightness Register Bits[7:6] = 01)
VLEDI = 2 V
Figure 25. Indicator Current vs VIN
(Torch Brightness Register Bits[7:6] = 10)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com