Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3554TMX/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM3554TMX/NOPB
Description  Synchronous Boost Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3554TMX/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM3554TMX/NOPB Datasheet HTML 8Page - Texas Instruments LM3554TMX/NOPB Datasheet HTML 9Page - Texas Instruments LM3554TMX/NOPB Datasheet HTML 10Page - Texas Instruments LM3554TMX/NOPB Datasheet HTML 11Page - Texas Instruments LM3554TMX/NOPB Datasheet HTML 12Page - Texas Instruments LM3554TMX/NOPB Datasheet HTML 13Page - Texas Instruments LM3554TMX/NOPB Datasheet HTML 14Page - Texas Instruments LM3554TMX/NOPB Datasheet HTML 15Page - Texas Instruments LM3554TMX/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 47 page
background image
12
LM3554
SNVS549C – JUNE 2009 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: LM3554
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The LM3554 is a high-power white-LED flash driver capable of delivering up to 1.2-A of LED current into a single
LED, or up to 600 mA into two parallel LEDs. The device incorporates a 2-MHz constant frequency,
synchronous, current mode PWM boost converter, and two high-side current sources to regulate the LED current
over the 2.5-V to 5.5-V input voltage range.
The LM3554 operates in two modes: LED mode or constant voltage-output mode. In LED mode when the output
voltage is greater than VIN – 150 mV, the PWM converter switches and maintains at least 300 mV (VHR) across
both current sources (LED1 and LED2). This minimum headroom voltage ensures that the current sinks remain
in regulation. When the input voltage is above VLED + VHR, the device operates in pass mode with the device not
switching and the PFET on continuously. In pass mode the difference between (VIN – ILED × RON_P) and VLED is
dropped across the current sources. If the device is operating in pass mode, and VIN drops to a point that forces
the device into switching, the device goes into switching mode one time. The LM3554 remains in switching mode
until the device is shut down and re-enabled. This is true even if VIN rises back above VLED + 300 mV during the
current flash or torch cycle. This prevents the LED current from oscillating when VIN is operating close to VOUT.
In voltage-output mode the LM3554 operates as a voltage output boost converter with selectable output voltages
of 4.5 V and 5 V. In this mode the LM3554 is able to deliver up to typically 5 W of output power. At light loads
and in voltage-output mode the PWM switching converter changes over to a pulsed frequency regulation mode
and only switches as necessary to ensure proper LED current or output voltage regulation. This allows for
improved light load efficiency compared to converters that operate in fixed-frequency PWM mode at all load
currents.
Additional features of the LM3554 include four logic inputs, an internal comparator for LED thermal sensing, and
a low-power indicator LED current source. The STROBE input provides a hardware flash mode enable. The
ENVM/TX2/GPIO2 input is configurable as a hardware voltage-output mode enable (ENVM), an active high flash
interrupt that forces the device from flash mode to a low-power TORCH mode (TX2), or as a programmable logic
input/output (GPIO2). The TX1 input is configurable as an active high flash interrupt that forces the device from
flash mode to a low-power torch mode (TX1), as a hardware torch mode enable (TORCH), or as a
programmable logic input/output (GPIO1) . The HWEN input provides for an active low hardware shutdown of the
device. Finally, the LEDI/NTC pin is configurable as a low-power indicator LED driver (LEDI), or as a threshold
detector for thermal sensing (NTC). In NTC mode when the threshold (VTRIP) at the LEDI/NTC pin is crossed
(VLEDI/NTC falling), the flash pulse is forced to the torch current setting, or into shutdown depending on the NTC
shutdown bit setting.
The device is controlled via an I2C-compatible interface. This includes switchover from LED to voltage-output
mode, adjustment of the LED current in torch mode, adjustment of the LED current in flash mode, adjustment of
the indicator LED currents, changing the flash LED current duration, changing the switch current limit.
Additionally, there are 5 flag bits that can be read back indicating flash current timeout, overtemperature
condition, LED failure (open or short), LED thermal failure, and an input voltage fault.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com