Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3554TMX/NOPB Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # LM3554TMX/NOPB
Description  Synchronous Boost Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3554TMX/NOPB Datasheet(HTML) 35 Page - Texas Instruments

Back Button LM3554TMX/NOPB Datasheet HTML 31Page - Texas Instruments LM3554TMX/NOPB Datasheet HTML 32Page - Texas Instruments LM3554TMX/NOPB Datasheet HTML 33Page - Texas Instruments LM3554TMX/NOPB Datasheet HTML 34Page - Texas Instruments LM3554TMX/NOPB Datasheet HTML 35Page - Texas Instruments LM3554TMX/NOPB Datasheet HTML 36Page - Texas Instruments LM3554TMX/NOPB Datasheet HTML 37Page - Texas Instruments LM3554TMX/NOPB Datasheet HTML 38Page - Texas Instruments LM3554TMX/NOPB Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 47 page
background image
J
T
0.93W
75.8 C/W + 25 C = 95.5 C
u
q
q
q
mW
930
=
mW
14
+
mW
420
+
mW
357
+
mW
139
=
PDISS
]
2
LED
1
LED
LED
I
+
I
=
I
IND
LED
LOAD
I
+
I
=
I
)
IND
I
x
IND
- V
LOAD
PFET
I
x
- R
(
IN
V
LED +
I
x
)
LED
- V
LOAD
I
x
PFET
- R
(
IN
V
[
PFET
2
LOAD
DISS
+
R
x
I
=
P
2
LED
1
LED
LED
I
+
I
=
I
LOAD =
I
IND
LED
I
+
I
I
x
IND
)
- V
IND
R
x
PFET
I
x
2
LOAD
+
R
x
NFET
I
x
2
LOAD
¹
·
) x
+ 0.3V - V
IN
=
P
DISS
(V
LED
©
§
+ 0.3V
V
LED
)
V
2
IN
VLED + 0.3V
V
IN
¹
·
©
§
(
+
I
+ 0.3V x
LED
VLED + 0.3V
35
LM3554
www.ti.com
SNVS549C – JUNE 2009 – REVISED FEBRUARY 2016
Product Folder Links: LM3554
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
(12)
8.2.2.7.3
LED Pass Mode
In LED mode with VIN – ILOAD × RPFET > VLED + 0.3 V, the LM3554 operates in pass mode. In this case, the NFET
is off, and the PFET is fully on. The difference between VIN - ILOAD × RPMOS and VLED are dropped across the
current sources. In this situation the total power dissipated in the LM3554 is approximated as:
(13)
Once the total power dissipated in the LM3554 is calculated the ambient temperature and the thermal resistance
of the 16-pin DSBGA (YFQ package) are used to calculate the total die temperature (or junction temperature TJ).
As an example, assume the LM3554 is operating at VIN = 3.6 V and configured for voltage-output mode with
VOUT = 5 V and IOUT = 0.7 A. The LED currents are then programmed in torch mode with 150 mA each at VLED =
3.6 V. Additionally, the indicator LED has 10 mA at VIND = 3.6 V. Using Equation 12 and Equation 13 above, the
approximate total power dissipated in the device is:
(14)
The die temperature approximation is:
(15)
In this case the device can operate at these conditions. If then the ambient temperature is increased to 85°C, the
die temperature would be 140.8°C; thus, the die temperature would be above the absolute maximum ratings, and
the load current would need to be scaled back. This example demonstrates the steps required to estimate the
amount of current derating based upon operating mode, circuit parameters, and the device's junction-to-ambient
thermal resistance. In this example a thermal resistance of 75.8°C/W was used (JESD51-7 standard). Because
thermal resistance from junction-to-ambient is largely PCB layout dependent, the actual number used likely may
be different and must be taken into account when performing these calculations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com