Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3554TMX/NOPB Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # LM3554TMX/NOPB
Description  Synchronous Boost Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3554TMX/NOPB Datasheet(HTML) 32 Page - Texas Instruments

Back Button LM3554TMX/NOPB Datasheet HTML 28Page - Texas Instruments LM3554TMX/NOPB Datasheet HTML 29Page - Texas Instruments LM3554TMX/NOPB Datasheet HTML 30Page - Texas Instruments LM3554TMX/NOPB Datasheet HTML 31Page - Texas Instruments LM3554TMX/NOPB Datasheet HTML 32Page - Texas Instruments LM3554TMX/NOPB Datasheet HTML 33Page - Texas Instruments LM3554TMX/NOPB Datasheet HTML 34Page - Texas Instruments LM3554TMX/NOPB Datasheet HTML 35Page - Texas Instruments LM3554TMX/NOPB Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 47 page
background image
+ E
R
V
TRIP x
3
C
°
x 298
E
C
°
273
-
LN
C x
°
298
C
T
=
° )
(
»
¼
º
«
¬
ª
(
V
V
TRIP
BIAS
x
-
)
R
C
°
25
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
70
75
80
85
90
95
100 105 110
TEMPERATURE (°C)
VBIAS = 2.5V,
@ +25°C, B = 4500,
R3 = 9 k:
RTHERMISTOR = 100 k:
32
LM3554
SNVS549C – JUNE 2009 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: LM3554
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Figure 42. Thermistor Resistive Divider Response vs Temperature
Another useful equation for the thermistor resistive divider is developed by combining the equations for R3, and
R(T) and solving for temperature. This is shown in Equation 7:
(7)
Using, for example, Excel® spreadsheet software, different curves for the temperature trip point T (°C) can be
created vs R3, Beta, or VBIAS in order to help better choose the thermal components for practical values of
thermistors, series resistors (R3), or reference voltages VBIAS.
Programming bit [3] of the Configuration Register with a 1 selects thermal comparator mode making the
LEDI/NTC pin a comparator input for flash LED thermal sensing. Figure 43 shows the internal block diagram of
the thermal sensing circuit which is OR’d with both the TX1 and ENVM/TX2 (TX2 mode) to force the LM3554
from flash to torch mode. This is intended to prevent LED overheating during flash pulses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com