Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3554TMX/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM3554TMX/NOPB
Description  Synchronous Boost Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3554TMX/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM3554TMX/NOPB Datasheet HTML 1Page - Texas Instruments LM3554TMX/NOPB Datasheet HTML 2Page - Texas Instruments LM3554TMX/NOPB Datasheet HTML 3Page - Texas Instruments LM3554TMX/NOPB Datasheet HTML 4Page - Texas Instruments LM3554TMX/NOPB Datasheet HTML 5Page - Texas Instruments LM3554TMX/NOPB Datasheet HTML 6Page - Texas Instruments LM3554TMX/NOPB Datasheet HTML 7Page - Texas Instruments LM3554TMX/NOPB Datasheet HTML 8Page - Texas Instruments LM3554TMX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
HWEN
SCL
SDA
STROBE
TX1/TORCH/
GPIO1
IN
OUT
GND
LED1
LED2
LEDI/NTC
SW
4.5-V or 5-V DC Power Rail
Flash
LEDs
Indicator
LED
ENVM/TX2
/GPIO
VBIAS
D1
D2
0.1 µF
RBIAS
4.7 µF
4.7 µF
2.2 µH
2
NŸ
Thermistor
2.5 V
± 5.5 V
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM3554
SNVS549C – JUNE 2009 – REVISED FEBRUARY 2016
LM3554 Synchronous Boost Converter With 1.2-A Dual High-Side LED Drivers and I2C-
Compatible Interface
1
1 Features
1
•
Input Voltage: 2.5 V to 5.5 V
•
Programmable 4.5-V or 5-V Constant Output
Voltage
•
Dual High-Side Current Sources
•
Grounded Cathode Allowing for Better Heat
Sinking and LED Routing
•
> 90% Efficiency
•
Ultra-Small Solution Size: < 23 mm2
•
Four Operating Modes: Torch, Flash, LED
Indicator, and Voltage Output
•
Accurate and Programmable LED Current from
37.5 mA to 1.2 A
•
Hardware Flash and Torch Enable
•
LED Thermal Sensing and Current Scaleback
•
Software Selectable Input Voltage Monitor
•
Programmable Flash Timeout
•
Dual Synchronization Inputs for RF Power-
Amplifier Pulse Events
•
Open and Short LED Detection
•
Active High Hardware Enable for Protection
Against System Faults
•
400-kHz I2C-Compatible Interface
2 Applications
•
Camera Phone LED Flash Controller
•
Class D Audio Amplifier Power
•
LED Current Source Biasing
3 Description
The LM3554 is a 2-MHz fixed-frequency, current-
mode synchronous boost converter. The device is
designed to operate as a dual 600-mA (1.2 A total)
constant-current driver for high-current white LEDs, or
as a regulated 4.5-V or 5-V voltage source.
The
main
features
include:
an
I2C-compatible
interface for controlling the LED current or the desired
output voltage, a hardware flash enable input for
direct triggering of the flash pulse, and dual TX inputs
which force the flash pulse into a low-current torch
mode allowing for synchronization to RF power
amplifier events or other high-current conditions.
Additionally, an active high hardware enable (HWEN)
input provides a hardware shutdown during system
software failures.
Five protection features are available within the
LM3554 including a software selectable input voltage
monitor, an internal comparator for interfacing with an
external temperature sensor, four selectable current
limits to ensure the battery current is kept below a
predetermined peak level, an overvoltage protection
feature to limit the output voltage during LED open
circuits, and an output short circuit protection which
limits the output current during shorts to GND.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (MAX)
LM3554
DSBGA (16)
1.685 mm × 1.685
mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Circuit


Similar Part No. - LM3554TMX/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3554 NSC-LM3554 Datasheet
154Kb / 4P
Synchronous Boost Con
logo
Texas Instruments
LM3554 TI1-LM3554 Datasheet
4Mb / 43P
Synchronous Boost Converter with 1.2A Dual High Side LED Drivers and I2C Compatible
LM3554 TI1-LM3554_14 Datasheet
4Mb / 43P
Synchronous Boost Converter with 1.2A Dual High Side LED Drivers and I2C Compatible
More results

Similar Description - LM3554TMX/NOPB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP6714 DIODES-AP6714 Datasheet
267Kb / 15P
1.8MHz SYNCHRONOUS BOOST CONVERTER
AP6714 Rev. 4
logo
Analog Microelectronics
AME5176 AME-AME5176 Datasheet
481Kb / 15P
Synchronous Boost Converter
AME5177 AME-AME5177 Datasheet
485Kb / 14P
Synchronous Boost Converter
logo
Texas Instruments
TPS61071-Q1 TI1-TPS61071-Q1_15 Datasheet
1Mb / 28P
Efficient Synchronous Boost Converter
LM3555 TI1-LM3555 Datasheet
1Mb / 38P
Synchronous Boost Converter
LM3561 TI1-LM3561_13 Datasheet
3Mb / 37P
Synchronous Boost Converter
UCC2941-3 TI1-UCC2941-3_11 Datasheet
296Kb / 20P
1V SYNCHRONOUS BOOST CONVERTER
logo
TECHCODE SEMICONDUCTOR,...
TD8588 TECHCODE-TD8588 Datasheet
601Kb / 13P
1.2MHz Synchronous Boost Converter
logo
Shenzhen Huazhimei Semi...
HM5178 HMSEMI-HM5178 Datasheet
631Kb / 9P
SYNCHRONOUS BOOST CONVERTER
logo
Diodes Incorporated
AP6714 DIODES-AP6714_V01 Datasheet
249Kb / 11P
1.8MHz SYNCHRONOUS BOOST CONVERTER
Rev. 5 - 2 April 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com