Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3554TMX/NOPB Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # LM3554TMX/NOPB
Description  Synchronous Boost Converter
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3554TMX/NOPB Datasheet(HTML) 33 Page - Texas Instruments

Back Button LM3554TMX/NOPB Datasheet HTML 29Page - Texas Instruments LM3554TMX/NOPB Datasheet HTML 30Page - Texas Instruments LM3554TMX/NOPB Datasheet HTML 31Page - Texas Instruments LM3554TMX/NOPB Datasheet HTML 32Page - Texas Instruments LM3554TMX/NOPB Datasheet HTML 33Page - Texas Instruments LM3554TMX/NOPB Datasheet HTML 34Page - Texas Instruments LM3554TMX/NOPB Datasheet HTML 35Page - Texas Instruments LM3554TMX/NOPB Datasheet HTML 36Page - Texas Instruments LM3554TMX/NOPB Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 47 page
background image
=
IN x
V
(
)
IN
OUT - V
V
L
I
'
OUT
SW
V
x
L
x
f
x
2
(
)
IN
L
PEAK
V
x
x
I
I
K
- '
LOAD =
I
OUT
V
1.05V
TX2
TX1/TORCH
Force Torch or
LED Shutdown (VIN Monitor, TX2 or
NTC only)
Internal to
LM3554
LEDI/
NTC
R(T)
R3
0.1 PF
VIN Monitor
V
BIAS
33
LM3554
www.ti.com
SNVS549C – JUNE 2009 – REVISED FEBRUARY 2016
Product Folder Links: LM3554
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Figure 43. Thermistor Voltage Divider and Sensing Circuit
8.2.2.5 NTC Thermistor Placement
The termination of the thermistor must be done directly to the cathode of the flash LED in order to adequately
couple the heat from the LED into the thermistor. Consequently, the noisy environment generated from the boost
converter switching can introduce noise from GND into the thermistor sensing input. To filter out this noise it is
necessary to place a 0.1-µF or larger ceramic capacitor close to the LEDI/NTC pin. The filter capacitor's return
must also connect with a low-impedance trace, as close to the PGND pin of the device as possible.
8.2.2.6 Maximum Load Current (Voltage Mode)
Assuming the power dissipation in the LM3554 and the ambient temperature are such that the device does not
hit thermal shutdown, the maximum load current as a function of IPEAK is:
where
•
η is efficiency and is found in the efficiency curves in the Typical Characteristics
(8)
and
(9)
Figure 44 shows the theoretical maximum output current vs theoretical efficiency at different input and output
voltages using Equation 8 and Equation 9 for
ΔIL and ILOAD with a peak current of 2.5 A. Figure 44 represents the
theoretical maximum output current (for the LM3554 in voltage-output mode) that the device can deliver just
before hitting current limit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com