Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8556 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LP8556
Description  High-Efficiency LED Backlight Driver for Tablets
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8556 Datasheet(HTML) 3 Page - Texas Instruments

  LP8556 Datasheet HTML 1Page - Texas Instruments LP8556 Datasheet HTML 2Page - Texas Instruments LP8556 Datasheet HTML 3Page - Texas Instruments LP8556 Datasheet HTML 4Page - Texas Instruments LP8556 Datasheet HTML 5Page - Texas Instruments LP8556 Datasheet HTML 6Page - Texas Instruments LP8556 Datasheet HTML 7Page - Texas Instruments LP8556 Datasheet HTML 8Page - Texas Instruments LP8556 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 63 page
background image
3
LP8556
www.ti.com
SNVS871I – JULY 2012 – REVISED MARCH 2016
Product Folder Links: LP8556
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
5 Device Options
ORDERABLE DEVICE(1)
PACKAGE
TYPE
DEVICE OPTION
LED
CHANNEL
COUNT
MAXIMUM LED
CURRENT
BOOST OUTPUT
VOLTAGE
RANGE
LP8556SQ-E00/NOPB
LP8556SQE-E00/NOPB
LP8556SQX-E00/NOPB
WQFN
“PWM Only” – Recommended for
systems without an I2C master.
5
23 mA
16 V to 34.5 V
LP8556SQ-E08/NOPB
LP8556SQE-E08/NOPB
LP8556SQX-E08/NOPB
4
LP8556SQ-E09/NOPB
LP8556SQE-E09/NOPB
LP8556SQX-E09/NOPB
6
LP8556TME-E02/NOPB
LP8556TMX-E02/NOPB
DSBGA
“PWM and I2C” - Recommended for
systems with an I2C master.
6
25 mA
16 V to 30 V
LP8556TME-E03/NOPB
LP8556TMX-E03/NOPB
“PWM Only” – Recommended for
systems without an I2C master.
5
20 mA
16 V to 34.5 V
LP8556TME-E04/NOPB
LP8556TMX-E04/NOPB
6
20 mA
16 V to 25 V
LP8556TME-E05/NOPB
LP8556TMX-E05/NOPB
“Non-programmed” – This option is
for evaluation purposes only.
Can be
programmed
to any
available.
25 mA
Can be
programmed to
any available.
LP8556TME-E06/NOPB
LP8556TMX-E06/NOPB
“PWM Only” – Recommended for
systems without an I2C master.
5
25 mA
16 V to 39 V
LP8556TME-E07/NOPB
LP8556TMX-E07/NOPB
4
20 mA
12.88 V to 30 V
LP8556TME-E09/NOPB
LP8556TMX-E09/NOPB
6
23 mA
16 V to 34.5 V
LP8556TME-E11/NOPB
LP8556TMX-E11/NOPB
“PWM and I2C” - Recommended for
systems with an I2C master.
3
23 mA
7 V to 21 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com