Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8556 Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # LP8556
Description  High-Efficiency LED Backlight Driver for Tablets
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8556 Datasheet(HTML) 46 Page - Texas Instruments

Back Button LP8556 Datasheet HTML 42Page - Texas Instruments LP8556 Datasheet HTML 43Page - Texas Instruments LP8556 Datasheet HTML 44Page - Texas Instruments LP8556 Datasheet HTML 45Page - Texas Instruments LP8556 Datasheet HTML 46Page - Texas Instruments LP8556 Datasheet HTML 47Page - Texas Instruments LP8556 Datasheet HTML 48Page - Texas Instruments LP8556 Datasheet HTML 49Page - Texas Instruments LP8556 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 63 page
background image
46
LP8556
SNVS871I – JULY 2012 – REVISED MARCH 2016
www.ti.com
Product Folder Links: LP8556
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Table 13. Setting Full-Scale LED Current with EEPROM
ISET_EN
CURRENT_MAX
CURRENT[11:0]
FULL-SCALE ILED [mA]
0
0
FFFh
5
0
1
FFFh
10
0
10
FFFh
15
0
11
FFFh
20
0
100
FFFh
23
0
101
FFFh
25
0
110
FFFh
30
0
111
FFFh
50
0
000 – 111
001h – FFFh
(CURRENT/4095) × CURRENT_IMAX
9.1.2 Using LP8556 With Configuration Resistors and IO Pins
9.1.2.1 Setting Boost Switching and PWM Dimming Frequencies
Boost switching and PWM dimming frequencies can be set via resistor when BOOST_FSET_EN = 1 and
PWM_FSET_EN = 1. Available options are shown in Table 14.
Table 14. Configuring PWM Dimming Frequency With an External Resistor
RFSET [k
Ω]
(TOLERANCE)
ƒSW [kHz]
BOOST_FSET_EN = 1
ƒPWM [Hz] (RESOLUTION)
PWM_FSET_EN = 1
Floating or FSET pin pulled HIGH
1250
9616 (10-bit)
470 k - 1 M (±5%)
312
2402 (12-bit)
300 k, 330 k (±5%)
312
4808 (11-bit)
200 k (±5%)
312
6010 (10-bit)
147 k, 150k, 154 k, 158k (±1%)
312
9616 (10-bit)
121 k (±1%)
312
12020 (9-bit)
100 k (±1%)
312
14424 (9-bit)
86.6 k (±1%)
312
16828 (9-bit)
75 k (±1%)
312
19232 (9-bit)
63.4 k (±1%)
625
2402 (12-bit)
52.3 k, 53.6 k (±1%)
625
4808 (11-bit)
44.2k, 45.3 k (±1%)
625
6010 (10-bit)
39.2 k (±1%)
625
9616 (10-bit)
34 k (±1%)
625
12020 (9-bit)
30.1k (±1%)
625
14424 (9-bit)
26.1 k (±1%)
625
16828 (9-bit)
23.2 k (±1%)
625
19232 (9-bit)
20.5 k (±1%)
1250
2402 (12-bit)
18.7 k (±1%)
1250
4808 (11-bit)
16.5k (±1%)
1250
6010 (10-bit)
14.7 k (±1%)
1250
9616 (10-bit)
13 k (±1%)
1250
12020 (9-bit)
11.8k (±1%)
1250
14424 (9-bit)
10.7 k (±1%)
1250
16828 (9-bit)
9.76 k (±1%)
1250
19232 (9-bit)
FSET pin shorted to GND
1250
Same as PWM input frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com