Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8556 Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # LP8556
Description  High-Efficiency LED Backlight Driver for Tablets
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8556 Datasheet(HTML) 48 Page - Texas Instruments

Back Button LP8556 Datasheet HTML 44Page - Texas Instruments LP8556 Datasheet HTML 45Page - Texas Instruments LP8556 Datasheet HTML 46Page - Texas Instruments LP8556 Datasheet HTML 47Page - Texas Instruments LP8556 Datasheet HTML 48Page - Texas Instruments LP8556 Datasheet HTML 49Page - Texas Instruments LP8556 Datasheet HTML 50Page - Texas Instruments LP8556 Datasheet HTML 51Page - Texas Instruments LP8556 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 63 page
background image
48
LP8556
SNVS871I – JULY 2012 – REVISED MARCH 2016
www.ti.com
Product Folder Links: LP8556
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Typical Application (continued)
9.2.1 Design Requirements
Table 16. Recommended Inductance
ƒSW
MIN
TYP
MAX
UNIT
1250
3.3
22
µH
625
6.8
68
µH
312
10
100
µH
Table 17. Recommended Output Capacitance
ƒSW
MIN
TYP
MAX
UNIT
1250
4.7
µF
625
4.7
µF
312
10
µF
9.2.2 Detailed Design Procedure
9.2.2.1 Recommended Inductance for the Boost Power Stage
Assumes 20 mA as the maximum LED current per string and 3.3 V as the maximum LED forward voltage.
NUMBER OF
LED STRINGS
NUMBER OF
LEDS PER
STRING
BOOST INPUT
VOLTAGE RANGE
L1 INDUCTANCE
ƒSW = 1250 kHz
ƒSW = 625 kHz
ƒSW = 312 kHz
6
6
2.7 V - 4.4 V
3.3
μH - 6.8 μH
6.8
μH - 15 μH
10
μH - 33 μH
5.4 V - 8.8 V
10
μH - 22 μH
22
μH - 47 μH
47
μH - 100 μH
6
8
2.7 V - 4.4 V
4.7
μH - 10 μH
10
μH - 15 μH
22
μH - 33 μH
5.4 V - 8.8 V
10
μH - 22 μH
22
μH - 68 μH
47
μH - 100 μH
4
10
5.4 V - 8.8 V
6.8
μH - 22 μH
22
μH - 47 μH
47
μH - 100 μH
4
12
5.4 V - 8.8 V
10
μH - 22 μH
22
μH - 47 μH
33
μH - 100 μH
(1)
Capacitance of Multi-Layer Ceramic Capacitors (MLCC) can change significantly with the applied DC voltage. Use capacitors with good
capacitance versus DC bias characteristics. In general, MLCC in bigger packages have lower capacitance de-rating than physically
smaller capacitors.
9.2.2.2 Recommended Capacitances for the Boost and LDO Power Stages(1)
SWITCHING FREQUENCY [kHz]
CIN [μF]
COUT [μF]
CVLDO [μF]
1250
2.2
4.7
10
625
2.2
4.7
10
312
4.7
10
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com