Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8556 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # LP8556
Description  High-Efficiency LED Backlight Driver for Tablets
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8556 Datasheet(HTML) 49 Page - Texas Instruments

Back Button LP8556 Datasheet HTML 45Page - Texas Instruments LP8556 Datasheet HTML 46Page - Texas Instruments LP8556 Datasheet HTML 47Page - Texas Instruments LP8556 Datasheet HTML 48Page - Texas Instruments LP8556 Datasheet HTML 49Page - Texas Instruments LP8556 Datasheet HTML 50Page - Texas Instruments LP8556 Datasheet HTML 51Page - Texas Instruments LP8556 Datasheet HTML 52Page - Texas Instruments LP8556 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 63 page
background image
0
20
40
60
80
100
100
120
140
160
180
200
BRIGHTNESS [%]
PWM Dimming
Adaptive Dimming
VIN = 3.6V
10" Panel
6x7 LED Array
ILEDMAX = 23 mA/CH
L = 4.7 PH
1.5 mm Max Height
fSW = 1.25 MHz
0
20
40
60
80
100
0
100
200
300
400
500
BRIGHTNESS [%]
PWM Dimming
Adaptive Dimming
VIN = 3.6V
10" Panel
6x7 LED Array
ILEDMAX = 23 mA/CH
L = 4.7 PH
1.5 mm Max Height
fSW = 1.25 MHz
0
20
40
60
80
100
45
55
65
75
85
95
BRIGHTNESS [%]
LED Efficiency
Boost Efficiency
VIN = 8.6V
6x7 LED Array
ILEDMAX = 20 mA/CH
L = 10 PH
1.5 mm Max Height
fSW = 625 kHz
0
20
40
60
80
100
45
55
65
75
85
95
BRIGHTNESS [%]
LED Efficiency
Boost Efficiency
VIN = 12.9V
6x7 LED Array
ILEDMAX = 20 mA/CH
L = 10 PH
1.5 mm Max Height
fSW = 625 kHz
0
20
40
60
80
100
45
55
65
75
85
95
BRIGHTNESS [%]
LED Efficiency
Boost Efficiency
VIN = 3.8V
6x7 LED Array
ILEDMAX = 20 mA/CH
L = 10 PH
1.5 mm Max Height
fSW = 625 kHz
0
20
40
60
80
100
45
55
65
75
85
95
BRIGHTNESS [%]
LED Efficiency
Boost Efficiency
VIN = 6.3V
6x7 LED Array
ILEDMAX = 20 mA/CH
L = 10 PH
1.5 mm Max Height
fSW = 625 kHz
49
LP8556
www.ti.com
SNVS871I – JULY 2012 – REVISED MARCH 2016
Product Folder Links: LP8556
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
9.2.3 Application Curves
Unless otherwise specified: VIN = 3.8 V, CVLDO = 10 μF, L1 = 4.7 μH, CIN = 2.2 μF, COUT = 4.7 μF, ƒSW = 1.25 MHz
Figure 20. Boost and LED Drive Efficiency
Figure 21. Boost and LED Drive Efficiency
Figure 22. Boost and LED Drive Efficiency
Figure 23. Boost and LED Drive Efficiency
Figure 24. Optical Efficiency
Figure 25. Luminance as a Function of Brightness



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com