Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8556 Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # LP8556
Description  High-Efficiency LED Backlight Driver for Tablets
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8556 Datasheet(HTML) 51 Page - Texas Instruments

Back Button LP8556 Datasheet HTML 47Page - Texas Instruments LP8556 Datasheet HTML 48Page - Texas Instruments LP8556 Datasheet HTML 49Page - Texas Instruments LP8556 Datasheet HTML 50Page - Texas Instruments LP8556 Datasheet HTML 51Page - Texas Instruments LP8556 Datasheet HTML 52Page - Texas Instruments LP8556 Datasheet HTML 53Page - Texas Instruments LP8556 Datasheet HTML 54Page - Texas Instruments LP8556 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 63 page
background image
51
LP8556
www.ti.com
SNVS871I – JULY 2012 – REVISED MARCH 2016
Product Folder Links: LP8556
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
10 Power Supply Recommendations
The device is designed to operate from a VDD input voltage supply range from 2.7 V to 20 V. This input supply
must be well regulated and able to withstand maximum input current and maintain stable voltage without voltage
drop even at load transition condition (start-up or rapid brightness change). The resistance of the input supply rail
must be low enough that the input current transient does not cause drop high enough in the LP8556 supply
voltage that can cause false UVLO fault triggering.
If the input supply is located more than a few inches from the LP8556 device, additional bulk capacitance may be
required in addition to the ceramic bypass capacitors. Depending on device EEPROM configuration and usage
case the boost converter is configured to operate optimally with certain input voltage range.
11 Layout
11.1 Layout Guidelines
Figure 28 and Figure 29 follow proper layout guidelines and should be used as a guide for laying out the LP8556
circuit.
The LP8556 inductive boost converter has a high switched voltage at the SW pin, and a step current through the
Schottky diode and output capacitor each switching cycle. The high switching voltage can create interference into
nearby nodes due to electric field coupling (I = C × dV/dt). The large step current through the diode and the
output capacitor can cause a large voltage spike at the SW and VBOOST pins due to parasitic inductance in the
step current conducting path (V = L × di/dt). Board layout guidelines are geared towards minimizing this electric
field coupling and conducted noise.
The following list details the main (layout sensitive) areas of the device inductive boost converter in order of
decreasing importance:
1. Boost Output Capacitor Placement
–
Because the output capacitor is in the path of the inductor current discharge path, there is a high-current
step from 0 to IPEAK each time the switch turns off and the Schottky diode turns on. Any inductance
along this series path from the diodes cathode, through COUT, and back into the LP8556 GND pin
contributes to voltage spikes (VSPIKE = LP_ × dI/dt) at SW and OUT. These spikes can potentially over-
voltage the SW and VBOOST pins, or feed through to GND. To avoid this, COUT+ must be connected as
close to the cathode of the Schottky diode as possible, and COUT
− must be connected as close to the
LP8556 GND bumps as possible. The best placement for COUT is on the same layer as the LP8556 to
avoid any vias that can add excessive series inductance.
2. Schottky Diode Placement
–
In the device boost circuit the Schottky diode is in the path of the inductor current discharge. As a result
the Schottky diode has a high-current step from 0 to IPEAK each time the switch turns off and the diode
turns on. Any inductance in series with the diode causes a voltage spike (VSPIKE = LP_ × dI/dt) at SW
and OUT. This can potentially over-voltage the SW pin, or feed through to VOUT and through the output
capacitor, into GND. Connecting the anode of the diode as close to the SW pin as possible, and
connecting the cathode of the diode as close to COUT+ as possible reduces the inductance (LP_) and
minimize these voltage spikes.
3. Boost Input/VDD Capacitor Placement
–
The LP8556 input capacitor filters the inductor current ripple and the internal MOSFET driver currents.
The inductor current ripple can add input voltage ripple due to any series resistance in the input power
path. The MOSFET driver currents can add voltage spikes on the input due to the inductance in series
with the VIN/VDD and the input capacitor. Close placement of the input capacitor to the VDD pin and to
the GND pin is critical because any series inductance between VIN/VDD and CIN+ or CIN– and GND can
create voltage spikes that could appear on the VIN/VDD supply line and GND.
–
Close placement of the input capacitor at the input side of the inductor is also critical. The source
impedance (inductance and resistance) from the input supply, along with the input capacitor of the
LP8556, forms a series RLC circuit. If the output resistance from the source is low enough, the circuit is
underdamped and will have a resonant frequency (typically the case).
–
Depending on the size of LS, the resonant frequency could occur below, close to, or above the switching
frequency of the LP8556. This can cause the supply current ripple to be:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com