Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8556 Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # LP8556
Description  High-Efficiency LED Backlight Driver for Tablets
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8556 Datasheet(HTML) 47 Page - Texas Instruments

Back Button LP8556 Datasheet HTML 43Page - Texas Instruments LP8556 Datasheet HTML 44Page - Texas Instruments LP8556 Datasheet HTML 45Page - Texas Instruments LP8556 Datasheet HTML 46Page - Texas Instruments LP8556 Datasheet HTML 47Page - Texas Instruments LP8556 Datasheet HTML 48Page - Texas Instruments LP8556 Datasheet HTML 49Page - Texas Instruments LP8556 Datasheet HTML 50Page - Texas Instruments LP8556 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 63 page
background image
VIN
LP8556
MCU
VBOOST
SW
1.1 ” 9OUT / VIN ” 15
L1
D1
VDD
CIN
COUT
LED1
LED2
LED3
LED4
LED5
LED6
GNDs
PWM
SDA
SCL
ISET
FSET
VLDO
CVLDO
RFSET
RISET
2.7V - 36V
7V ± 43V
EN / VDDIO
EN / VDDIO
1.62V ± 3.6V
VDD
2.7V ± 20V
VOUT
Optional
CVDD
47
LP8556
www.ti.com
SNVS871I – JULY 2012 – REVISED MARCH 2016
Product Folder Links: LP8556
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
9.1.2.2 Setting Full-Scale LED Current
The LED current per output is configured by ISET resistor when ISET_EN=1. In this mode the CURRENT_IMAX
and CURRENT registers can also further scale the LED current. Available options are shown in Table 15.
Table 15. Setting Full-Scale LED Current with ISET Resistor
RISET [
Ω]
ISET_EN
CURRENT_MAX
CURRENT[11:0]
FULL-SCALE ILED [mA]
24 k
1
0
FFFh
5
24 k
1
1
FFFh
10
24 k
1
10
FFFh
15
24 k
1
11
FFFh
20
24 k
1
100
FFFh
23
24 k
1
101
FFFh
25
24 k
1
110
FFFh
30
24 k
1
111
FFFh
50
12 k – 100 k
1
000–111
001h–FFFh
(CURRENT/4095) × IMAX × 20,000 × 1.2 V / RISET
9.2 Typical Application
Figure 19. LP8556 Typical Application Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com