Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8556 Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # LP8556
Description  High-Efficiency LED Backlight Driver for Tablets
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8556 Datasheet(HTML) 45 Page - Texas Instruments

Back Button LP8556 Datasheet HTML 41Page - Texas Instruments LP8556 Datasheet HTML 42Page - Texas Instruments LP8556 Datasheet HTML 43Page - Texas Instruments LP8556 Datasheet HTML 44Page - Texas Instruments LP8556 Datasheet HTML 45Page - Texas Instruments LP8556 Datasheet HTML 46Page - Texas Instruments LP8556 Datasheet HTML 47Page - Texas Instruments LP8556 Datasheet HTML 48Page - Texas Instruments LP8556 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 63 page
background image
45
LP8556
www.ti.com
SNVS871I – JULY 2012 – REVISED MARCH 2016
Product Folder Links: LP8556
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
9.1.1 Using LP8556 With I2C Host
9.1.1.1 Setting Boost Switching and PWM Dimming Frequencies
Boost switching and PWM dimming frequencies can be set via EEPROM when BOOST_FSET_EN = 0 and
PWM_FSET_EN = 0. Available options are shown in Table 11 and Table 12.
Table 11. Configuring Boost Switching Frequency via EPROM
BOOST_FSET_EN
BOOST_FREQ[1:0]
ƒSW [kHz]
0
00
312
0
01
625
0
10
1250
0
11
Reserved
Table 12. Configuring PWM Dimming Frequency via EPROM
PWM_FSET_EN
PWM_FREQ[3:0]
ƒPWM [Hz] (Resolution)
0
0000
4808 (11-bit)
0
0001
6010 (10-bit)
0
0010
7212 (10-bit)
0
0011
8414 (10-bit)
0
0100
9616 (10-bit)
0
0101
12020 (9-bit)
0
0110
13222 (9-bit)
0
0111
14424 (9-bit)
0
1000
15626 (9-bit)
0
1001
16828 (9-bit)
0
1010
18030 (9-bit)
0
1011
19232 (9-bit)
0
1100
24040 (8-bit)
0
1101
28848 (8-bit)
0
1110
33656 (8-bit)
0
1111
38464 (8-bit)
9.1.1.2 Setting Full-Scale LED Current
The LED current per output is configured by programming the CURRENT_MAX and CURRENT registers when
ISET_EN = 0. Available options are shown below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com