Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP320 Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP320
Description  Complete 5V-Only V.35 Interface with RS-232 (V.28) Control Lines
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP320 Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SP320 Datasheet HTML 4Page - Sipex Corporation SP320 Datasheet HTML 5Page - Sipex Corporation SP320 Datasheet HTML 6Page - Sipex Corporation SP320 Datasheet HTML 7Page - Sipex Corporation SP320 Datasheet HTML 8Page - Sipex Corporation SP320 Datasheet HTML 9Page - Sipex Corporation SP320 Datasheet HTML 10Page - Sipex Corporation SP320 Datasheet HTML 11Page - Sipex Corporation SP320 Datasheet HTML 12Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Rev:A Date: 1/27/04
SP320 Complete +5V-Only V.35 Interface with RS-232 (V.28) Control Lines
© Copyright 2004 Sipex Corporation
14 DRIN1
61 DRA1
59 DRB1
13 T1IN
58 T1OUT
16 T2IN
54 T2OUT
17 T3IN
47 T3OUT
24 T4IN
51 T4OUT
22 DRIN2
42 DRA2
44 DRB2
15 DRIN3
63 DRA3
65 DRB3
23 STEN
6 TTEN
RCA1 70
RCOUT 1
RCB1 71
RCA2 37
RCOUT2 20
RCB2 38
R1IN 66
R1OUT 80
R2IN 68
R2OUT 78
R3IN 35
R3OUT 19
R4IN 39
R4OUT 21
RCA3 76
RCOUT3 79
RTEN 7
RCB3 77
RXD
104(A)
104(B)
CTS
106
DSR
107
DCD
109
RI
125
RXC
115(A)
115(B)
TXCC
114(A)
114(B)
103(A)
103(B)
TXD
113(A)
TXC
113(B)
RTS
105
DTR
108
RLPBK
140
LLPBK
141
SPARE
SPARE
SPARE
29, 34, 43, 60, 64, 72
VDD
32
26
30
28
31
C1+
C1-
C2+
C2-
27
VSS
VCC
0.1µF
0.1µF
0.1µF
0.1µF
+5V
25, 33, 41, 62, 73
5kΩ
5kΩ
5kΩ
100Ω
100Ω
400KΩ
Vcc
400kΩ
Vcc
400kΩ
Vcc
400kΩ
Vcc
400kΩ
Vcc
400kΩ
Vcc
400kΩ
Vcc
100Ω
3 TS000
9 ENV35
+5V
5kΩ
+
+
+
+
A
Chasis Ground
C
Request to Send
E
DCE Ready (DSR)
H
DTE Ready (DTR)
K
Unassigned---
M
Unassigned---
P
Transmitted Data (A)
S
Transmitted Data (B)
U
Terminal Timing (A) } 113(A)
W
Terminal Timing (B) } 113(B)
Y
Transmit Timing (A) } 114(A)
AA
Transmit Timing (B) } 114(B)
CC
Unassigned---
EE
Unassigned---
HH
Unassigned---
KK
Unassigned---
MM
Unassigned---
Signal Ground
B
Clear to Send
D
Data Carrier Detect
F
Ring Indicator
J
Local Loopback
L
Remote Loopback
N
Receive Data (A)
R
Receive Data (B)
T
Receive Timing (A)
V
Receive Timing (B)
X
Unassigned---
Z
Unassigned---
BB
Unassigned---
DD
Unassigned---
FF
Unassigned---
JJ
Unassigned---
LL
Test Mode
NN
ISO-2593 connector pin out
Typical DCE V.35 interface
SP320



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com