Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP320 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP320
Description  Complete 5V-Only V.35 Interface with RS-232 (V.28) Control Lines
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP320 Datasheet(HTML) 1 Page - Sipex Corporation

  SP320 Datasheet HTML 1Page - Sipex Corporation SP320 Datasheet HTML 2Page - Sipex Corporation SP320 Datasheet HTML 3Page - Sipex Corporation SP320 Datasheet HTML 4Page - Sipex Corporation SP320 Datasheet HTML 5Page - Sipex Corporation SP320 Datasheet HTML 6Page - Sipex Corporation SP320 Datasheet HTML 7Page - Sipex Corporation SP320 Datasheet HTML 8Page - Sipex Corporation SP320 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Rev:A Date: 1/27/04
SP320 Complete +5V-Only V.35 Interface with RS-232 (V.28) Control Lines
© Copyright 2004 Sipex Corporation
14 DRIN1
61 DRA1
59 DRB1
13 T1IN
58 T1OUT
16 T2IN
54 T2OUT
17 T3IN
47 T3OUT
24 T4IN
51 T4OUT
22 DRIN2
42 DRA2
44 DRB2
15 DRIN3
63 DRA3
65 DRB3
23 STEN
6 TTEN
RCA1 70
RCOUT 1
RCB1 71
RCA2 37
RCOUT2 20
RCB2 38
R1IN 66
R1OUT 80
R2IN 68
R2OUT 78
R3IN 35
R3OUT 19
R4IN 39
R4OUT 21
RCA3 76
RCOUT3 79
RTEN 7
RCB3 77
29, 34, 43, 60, 64, 72
VDD
32
26
30
28
31
C1+
C1-
C2+
C2-
27
VSS
VCC
0.1µF
0.1µF
0.1µF
0.1µF
+5V
25, 33, 41, 62, 73
5kΩ
5kΩ
5kΩ
100Ω
100Ω
400kΩ
Vcc
400kΩ
Vcc
400kΩ
Vcc
400kΩ
Vcc
400kΩ
Vcc
400kΩ
Vcc
400kΩ
Vcc
100Ω
3 TS000
9 ENV35
+5V
5kΩ
+
+
+
+
SP320
■ 10Mbps Data Throughput
■ +5V-Only, Single Supply Operation
■ 3 Drivers, 3 Receivers – V.35
■ 4 Drivers, 4 Receivers – RS-232
■ 80-pin MQFP Surface Mount Packaging
■ Pin Compatible with SP319
DESCRIPTION
The SP320 is a complete V.35 interface transceiver offering 3 drivers and 3 receivers of V.35, and
4 drivers and 4 receivers of RS-232 (V.28). A Sipex patented charge pump allows +5V only low
power operation. RS-232 drivers and receivers are specified to operate at 120kbps, all V.35
drivers and receivers operate up to 5Mbps.
SP320
Complete +5V-Only V.35 Interface
with RS-232 (V.28) Control Lines
®


Similar Part No. - SP320

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP320 SIPEX-SP320 Datasheet
220Kb / 12P
Complete 5V-Only V.35 Interface with RS-232 V.28 Control Lines
logo
Exar Corporation
SP320 EXAR-SP320 Datasheet
791Kb / 12P
Complete 5V-Only V.35 Interface with RS-232 (V.28) Control Lines
logo
Astrodyne Corporation
SP320 ASTRODYNE-SP320 Datasheet
324Kb / 4P
320W Single Output with PFC Function
SP320-12 ASTRODYNE-SP320-12 Datasheet
324Kb / 4P
320W Single Output with PFC Function
SP320-13.5 ASTRODYNE-SP320-13.5 Datasheet
324Kb / 4P
320W Single Output with PFC Function
More results

Similar Description - SP320

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP319 SIPEX-SP319 Datasheet
222Kb / 14P
20Mbps, 5V-Only V.35 Interface with RS-232 V.28 Control Lines
SP320 SIPEX-SP320 Datasheet
220Kb / 12P
Complete 5V-Only V.35 Interface with RS-232 V.28 Control Lines
SP333 SIPEX-SP333 Datasheet
175Kb / 13P
5V Only RS-232/AppleTalk Programmable Transceiver
logo
Maxim Integrated Produc...
MAX2511 MAXIM-MAX2511 Datasheet
263Kb / 8P
Complete, 5V-Powered, Isolated, Dual RS-232 Transceiver Module
19-2370; Rev 2; 10/91
logo
List of Unclassifed Man...
HWD232 ETC1-HWD232 Datasheet
300Kb / 4P
5V RS-232
logo
Sipex Corporation
SP320 SIPEX-SP320_07 Datasheet
225Kb / 12P
Complete 5V-Only V.35 Interface with RS-232 (V.28) Control Lines
SP333 SIPEX-SP333_07 Datasheet
113Kb / 13P
5V Only RS-232/AppleTalk??Programmable Transceiver
logo
LANSDALE Semiconductor ...
ML145403 LANSDALE-ML145403 Datasheet
916Kb / 8P
Drivers/Receivers RS 232/EIA-232-E and CCITT V.28
ML145583 LANSDALE-ML145583 Datasheet
527Kb / 7P
3.3 Volt Only Driver/Receiver with an Integrated Standby Mode RS 232/EIA-232-E and CCITT V.28
logo
Exar Corporation
SP320 EXAR-SP320 Datasheet
791Kb / 12P
Complete 5V-Only V.35 Interface with RS-232 (V.28) Control Lines
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com