Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP320 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP320
Description  Complete 5V-Only V.35 Interface with RS-232 (V.28) Control Lines
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP320 Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP320 Datasheet HTML 2Page - Sipex Corporation SP320 Datasheet HTML 3Page - Sipex Corporation SP320 Datasheet HTML 4Page - Sipex Corporation SP320 Datasheet HTML 5Page - Sipex Corporation SP320 Datasheet HTML 6Page - Sipex Corporation SP320 Datasheet HTML 7Page - Sipex Corporation SP320 Datasheet HTML 8Page - Sipex Corporation SP320 Datasheet HTML 9Page - Sipex Corporation SP320 Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Rev:A Date: 1/27/04
SP320 Complete +5V-Only V.35 Interface with RS-232 (V.28) Control Lines
© Copyright 2004 Sipex Corporation
Figure 2. Charge Pump Phase 1
Figure 3. Charge Pump Phase 2
VCC = +5V
+10V
VSS Storage Capacitor
VDD Storage Capacitor
C1
C2
C3
C4
+
+
++
VCC = +5V
–5V
–5V
+5V
VSS Storage Capacitor
VDD Storage Capacitor
C1
C2
C3
C4
+
+
++
Figure 4. Charge Pump Phase 3
Figure 5. Charge Pump Phase 4
VCC = +5V
–10V
VSS Storage Capacitor
VDD Storage Capacitor
C1
C2
C3
C4
+
+
++
VCC = +5V
–5V
+5V
–5V
VSS Storage Capacitor
VDD Storage Capacitor
C1
C2
C3
C4
+
+
++
Figure 6. A Competitor’s Typical V.35 Solution Using Six Components.
1µF
1µF
1µF1µF
DX
T
P
S
TXD (103)
RX
T
P
S
DX
T
U
W
SCTE (113)
RX
T
U
W
T
AA
Y
TXC (114)
DX
T
Y
T
X
V
RXC (115)
T
X
V
RX
T
T
R
TXD (104)
T
T
R
RX
RX
DX
DX
AA
T
=
50Ω
50Ω 125Ω
1µF
1µF
V
CC2
B
A
GND (102)
CABLE SHIELD
B
A
V
CC1
1µF
1µF
DX
DX
RX
RX
RX
RX
DX
DX
1µF1µF
1µF
1µF
RX
RX
DX
DX
DX
DX
RX
RX
1µF1µF
ISO 2593
34-PIN DTE/DCE
INTERFACE
CONNECTOR
ISO 2593
34-PIN DTE/DCE
INTERFACE
CONNECTOR
V.35
V.35
RS-232
RS-232
H
DTR (108)
H
C
RTS (105)
C
E
DSR (107)
E
D
CTS (106)
D
F
DCD (109)
F
NN
TM (142)
N
RDL (140)
N
L
LLB (141)
L
NN
V
CC1
5V
V
CC2
5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com