Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP320 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP320
Description  Complete 5V-Only V.35 Interface with RS-232 (V.28) Control Lines
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP320 Datasheet(HTML) 3 Page - Sipex Corporation

  SP320 Datasheet HTML 1Page - Sipex Corporation SP320 Datasheet HTML 2Page - Sipex Corporation SP320 Datasheet HTML 3Page - Sipex Corporation SP320 Datasheet HTML 4Page - Sipex Corporation SP320 Datasheet HTML 5Page - Sipex Corporation SP320 Datasheet HTML 6Page - Sipex Corporation SP320 Datasheet HTML 7Page - Sipex Corporation SP320 Datasheet HTML 8Page - Sipex Corporation SP320 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Rev:A Date: 1/27/04
SP320 Complete +5V-Only V.35 Interface with RS-232 (V.28) Control Lines
© Copyright 2004 Sipex Corporation
SPECIFICATIONS (CONTINUED)
T
MIN to TMAX and VCC = 5V±5% unless otherwise noted.
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
RS-232 DRIVER
TTL Input Levels
V
IL
0.8
Volts
V
IH
2.0
Volts
Voltage Outputs
High Level Output
+5.0
+15.0
Volts
R
L= 3kΩ to Gnd
Low Level Output
-15.0
-5.0
Volts
R
L= 3kΩ to Gnd
Open Circuit Output
-15
+15
Volts
R
L= ∞
Short Circuit Current
-100
+100
mA
R
L= Gnd
Power Off Impedance
300
Ohms
V
CC= 0V; VOUT= ±2V
AC Characteristics
Slew Rate
30
V/µs
R
L= 3kΩ, CL= 50pF; From +3V to -3V
or -3V to +3V, T
A = 25˚C, VCC = +5V
Maximum Transmission Rate
120
kbps
R
L= 3kΩ, CL= 2500pF
Transition Time
1.56
µs
Rise/fall time, between ±3V
R
L= 3kΩ, CL= 2500pF
Propagation Delay
t
PHL
28
µsR
L= 3kΩ, CL= 2500pF; From 1.5V
of T
IN to 50% of VOUT
t
PLH
28
µsR
L= 3kΩ, CL= 2500pF; From 1.5V
of T
IN to 50% of VOUT
RS-232 RECEIVER
TTL Output Levels
V
OL
0.4
Volts
V
OH
2.4
Volts
Receiver Input
Input Voltage Range
-15
+15
Volts
High Threshold
1.7
3.0
Volts
Low Threshold
0.8
1.2
Volts
Hysteresis
0.2
0.5
1
Volts
V
CC= 5V; TA= +25˚C
Receiver Input Circuit Bias
+2.0
Volts
Input Impedance
3
5
7
kOhms
V
IN= ±15V
AC Characteristics
Maximum Transmission Rate
120
kbps
Propagation Delay
t
PHL
0.1
1
µs
From 50% of R
IN to 1.5V of ROUT
t
PLH
0.1
1
µs
From 50% of R
IN to 1.5V of ROUT
POWER REQUIREMENTS
No Load V
CC Supply Current
35
70
mA
No load; V
CC= 5.0V; TA= 25˚C
Full Load V
CC Supply Current
60
mA
RS-232 drivers R
L= 3kΩ to Gnd;
DC Input
V.35 drivers R
L= 100Ω from A to B;
DC Input
Shutdown Current
1.5
mA
TS000 = ENV35 = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com