Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP320 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP320
Description  Complete 5V-Only V.35 Interface with RS-232 (V.28) Control Lines
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP320 Datasheet(HTML) 2 Page - Sipex Corporation

  SP320 Datasheet HTML 1Page - Sipex Corporation SP320 Datasheet HTML 2Page - Sipex Corporation SP320 Datasheet HTML 3Page - Sipex Corporation SP320 Datasheet HTML 4Page - Sipex Corporation SP320 Datasheet HTML 5Page - Sipex Corporation SP320 Datasheet HTML 6Page - Sipex Corporation SP320 Datasheet HTML 7Page - Sipex Corporation SP320 Datasheet HTML 8Page - Sipex Corporation SP320 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Rev:A Date: 1/27/04
SP320 Complete +5V-Only V.35 Interface with RS-232 (V.28) Control Lines
© Copyright 2004 Sipex Corporation
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of the device at
these ratings or any other above those indicated in the operation
sections of the specifications below is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect
reliability.
V
CC.....................................................................................................+7V
Input Voltages
Logic........................................................-0.3V to (V
CC+0.5V)
Drivers..................................................-0.3V to (V
CC+0.5V)
Receivers..................................................±30V at ≤100mA
Output Voltages
Logic........................................................-0.3V to (V
CC+0.5V)
Drivers.......................................................................±14V
Receivers..............................................-0.3V to (V
CC+0.5V)
Storage Temperature.......................................................-65˚C to +150˚C
Power Dissipation..........................................................................1500mW
Package Derating
Ø
JC.......................................................................16 •C/W
Ø
JA.......................................................................46 •C/W
SPECIFICATIONS
T
MIN to TMAX and VCC = 5V±5% unless otherwise noted.
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
V.35 DRIVER
TTL Input Levels
V
IL
0.8
Volts
V
IH
2.0
Volts
Voltage Outputs
Differential Outputs
±0.44
±0.55
±0.66
Volts
R
L=100Ω from A to B
Source Impedance
50
100
150
Ohms
Short Circuit Impedance
135
150
165
Ohms
Measured from A=B to Gnd,
V
OUT=-2V to +2V
Voltage Output Offset
-0.6
+0.6
Volts
V
Offset={[|VA|+|VB|]/2}
AC Characteristics
Transition Time
40
ns
Rise/fall time, 10% to 90%
Maximum Transmission Rate
5
Mbps
R
L=100Ω, VDIFF OUT= 0.55V±20%
Propagation Delay
t
PHL
150
250
ns
Measured from 1.5V of V
IN
to 50% of V
OUT
t
PLH
150
250
ns
Measured from 1.5V of V
IN
to 50% of V
OUT
V.35 RECEIVER
TTL Output Levels
V
OL
0.4
Volts
I
OUT=-3.2mA
V
OH
2.4
Volts
I
OUT=1.0mA
Receiver Inputs
Differential Input
Threshold
-0.3
+0.3
Volts
Input Impedance
90
100
110
Ohms
Short Circuit Impedance
135
150
165
Ohms
Measured from A=B to Gnd
V
IN=-2V to +2V
AC Characteristics
Maximum Transmission Rate
5
Mbps
V
IN = ±0.55V ±20%
Propagation Delay
t
PHL
150
250
ns
Measured from 50% of V
IN to
1.5V of R
OUT
t
PLH
150
250
ns
Measured from 50% of V
IN to
1.5V of R
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com