Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP320 Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP320
Description  Complete 5V-Only V.35 Interface with RS-232 (V.28) Control Lines
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP320 Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP320 Datasheet HTML 4Page - Sipex Corporation SP320 Datasheet HTML 5Page - Sipex Corporation SP320 Datasheet HTML 6Page - Sipex Corporation SP320 Datasheet HTML 7Page - Sipex Corporation SP320 Datasheet HTML 8Page - Sipex Corporation SP320 Datasheet HTML 9Page - Sipex Corporation SP320 Datasheet HTML 10Page - Sipex Corporation SP320 Datasheet HTML 11Page - Sipex Corporation SP320 Datasheet HTML 12Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
Rev:A Date: 1/27/04
SP320 Complete +5V-Only V.35 Interface with RS-232 (V.28) Control Lines
© Copyright 2004 Sipex Corporation
PACKAGE: 80 Pin MQFP
80 PIN MQFP (MS-022 BC)
b
e
Seating
Plane
A1
A
A
L1
5°-16°
0° MIN.
0°–7°
5°-16°
L
A2
0.30" RAD. TYP.
0.20" RAD. TYP.
c
PIN 1
E1
D1
D
CL
E
CL
D2
E2
DIMENSIONS
Minimum/Maximum
(mm)
SYMBOL
A
A1
A2
b
D
D1
D2
E
E1
E2
e
N
80–PIN MQFP
JEDEC MS-22
(BEC) Variation
MIN
NOM
MAX
2.45
0.00
0.25
1.80
2.00
2.20
0.22
0.40
17.20 BSC
14.00 BSC
12.35 REF
17.20 BSC
14.00 BSC
12.35 REF
0.65 BSC
80
COMMON DIMENTIONS
SYMBL MIN
NOM
MAX
c
0.11
23.00
L
0.73
0.88
1.03
L1
1.60 BASIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com