Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP320 Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP320
Description  Complete 5V-Only V.35 Interface with RS-232 (V.28) Control Lines
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP320 Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP320 Datasheet HTML 3Page - Sipex Corporation SP320 Datasheet HTML 4Page - Sipex Corporation SP320 Datasheet HTML 5Page - Sipex Corporation SP320 Datasheet HTML 6Page - Sipex Corporation SP320 Datasheet HTML 7Page - Sipex Corporation SP320 Datasheet HTML 8Page - Sipex Corporation SP320 Datasheet HTML 9Page - Sipex Corporation SP320 Datasheet HTML 10Page - Sipex Corporation SP320 Datasheet HTML 11Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Rev:A Date: 1/27/04
SP320 Complete +5V-Only V.35 Interface with RS-232 (V.28) Control Lines
© Copyright 2004 Sipex Corporation
0.1µF
25
27 26 30
32
1N5819
VCC
VDD
C1-
C2-
VSS
C1+
C2+
0.1µF
SP320CF
14
79
28
31
0.1µF
+5V
15
20
1
22
0.1µF
0.1µF
25
27 26 30
32
1N5819
VCC VDD
C1-
C2-
VSS
C1+
C2+
0.1µF
SP320CF
28
31
0.1µF
+5V
0.1µF
RCOUT
1
14
20
79
22
15
14
TxD (103)
TxC (113)
TxCC (114)
RxC (115)
RxD (104)
DTR (108)
RTS (105)
RL (140)
LL (141)
DSR (107)
CTS (106)
DCD (109)
TM (142)
78
R1OUT
80
R4OUT
21
RCOUT
2
RCOUT
3
DRIN
2
DRIN
3
DRIN
1
R2OUT
R3OUT
19
T2IN
16
T1IN
13
T3IN
17
T4IN
24
DRIN
1
DRIN
3
DRIN
2
RCOUT
3
RCOUT
2
RCOUT
1
T2IN
16
T1IN
13
T3IN
17
T4IN
24
R2OUT
78
R1OUT
80
R3OUT
19
R4OUT
21
P
S
U
W
Y
AA
X
V
T
R
H
C
N
L
E
D
F
NN
P
S
U
W
Y
AA
X
V
T
R
H
C
L
E
D
F
N
NN
29, 34, 43, 60, 64, 72
29, 34, 43, 60, 64, 72
B
B
AA
ISO2593
34-PIN DTE/DCE
INTERFACE CONNECTOR
ISO2593
34-PIN DTE/DCE
INTERFACE CONNECTOR
Figure 7. Typical DTE-DCE V.35 Connection with the SP320



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com