Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38513 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LP38513
Description  3A Fast Response Ultra-Low Dropout Linear Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP38513 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LP38513 Datasheet HTML 13Page - Texas Instruments LP38513 Datasheet HTML 14Page - Texas Instruments LP38513 Datasheet HTML 15Page - Texas Instruments LP38513 Datasheet HTML 16Page - Texas Instruments LP38513 Datasheet HTML 17Page - Texas Instruments LP38513 Datasheet HTML 18Page - Texas Instruments LP38513 Datasheet HTML 19Page - Texas Instruments LP38513 Datasheet HTML 20Page - Texas Instruments LP38513 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
VOUT
VIN
1
2
3
4
5
CIN
COUT
LP38513
www.ti.com
SNVS361E – JULY 2007 – REVISED NOVEMBER 2015
9 Power Supply Recommendations
The LP38513 device is designed to operate from an input supply voltage range of 2.25 V to 5.5 V. The input
supply should be well-regulated and free of spurious noise. A minimum capacitor value of 10
μF is required.
10 Layout
10.1 Layout Guidelines
The dynamic performance of the LP38513 is dependent on the layout of the PCB. PCB layout practices that are
adequate for typical LDOs may degrade the PSRR, noise, or transient performance of the device. Best
performance is achieved by placing CIN and COUT on the same side of the PCB as the LP38513, and as close to
the package as is practical. The ground connections for CIN and COUT must be back to the LP38513 GND pin
using as wide and short of a copper trace as is practical.
Good PC layout practices must be used or instability can be induced because of ground loops and voltage drops.
The input and output capacitors must be directly connected to the IN, OUT, and GND pins of the LP38513 using
traces which do not have other currents flowing in them (Kelvin connect). The best way to do this is to lay out CIN
and COUT near the device with short traces to the IN, OUT, and GND pins. The regulator ground pin must be
connected to the external circuit ground so that the regulator and its capacitors have a single-point ground.
Stability problems have been seen in applications where vias to an internal ground plane were used at the
ground points of the LP38513 device and the input and output capacitors. This was caused by varying ground
potentials at these nodes resulting from current flowing through the ground plane. Using a single point ground
technique for the regulator and its capacitors fixed the problem.
Because high current flows through the traces going into the IN pin and coming from the OUT pin, Kelvin connect
the capacitor leads to these pins so there is no voltage drop in series with the input and output capacitors.
10.2 Layout Example
Figure 24. LP38513 Layout
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LP38513



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com