Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38513 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LP38513
Description  3A Fast Response Ultra-Low Dropout Linear Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP38513 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP38513 Datasheet HTML 9Page - Texas Instruments LP38513 Datasheet HTML 10Page - Texas Instruments LP38513 Datasheet HTML 11Page - Texas Instruments LP38513 Datasheet HTML 12Page - Texas Instruments LP38513 Datasheet HTML 13Page - Texas Instruments LP38513 Datasheet HTML 14Page - Texas Instruments LP38513 Datasheet HTML 15Page - Texas Instruments LP38513 Datasheet HTML 16Page - Texas Instruments LP38513 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
OUT
IN
GND
LP38513
VIN
VOUT
EN
VEN
10 k:
ERROR
VERROR
CIN
10 PF
Ceramic
COUT
10 PF
Ceramic
GND
GND
ON
OFF
LP38513
www.ti.com
SNVS361E – JULY 2007 – REVISED NOVEMBER 2015
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The typical application of the LP38513 includes microprocessor supplies, bus terminators, post regulators, and
battery-powered application. Figure 18 shows the typical application circuit for LP38513. The input and output
capacitances may need to be increased above the 10-µF minimum for some applications.
8.2 Typical Application
Figure 18. LP38513 Typical Application
8.2.1 Design Requirements
For the typical LP38513 ultra-low-dropout linear regulator applications, use the parameters listed in Table 1.
Table 1. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Minimum input voltage
2.25 V
Output voltage
1.8 V
Output current
0 mA to 3 A
8.2.2 Detailed Design Procedure
8.2.2.1 External Capacitors
Like any low-dropout regulator, external capacitors are required to assure stability. These capacitors must be
correctly selected for proper performance.
8.2.2.1.1
Input Capacitor
A ceramic input capacitor of at least 10 µF is required. For general usage across all load currents and operating
conditions, a 10-µF ceramic input capacitor provides satisfactory performance.
8.2.2.1.2
Output Capacitor
A ceramic capacitor with a minimum value of 10 µF is required at the output pin for loop stability. It must be
located less than 1 cm from the device and connected directly to the OUT and GND pin using traces which have
no other currents flowing through them. As long as the minimum of 10 µF ceramic is met, there is no limitation on
any additional capacitance.
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LP38513



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com