Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38513 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LP38513
Description  3A Fast Response Ultra-Low Dropout Linear Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP38513 Datasheet(HTML) 3 Page - Texas Instruments

  LP38513 Datasheet HTML 1Page - Texas Instruments LP38513 Datasheet HTML 2Page - Texas Instruments LP38513 Datasheet HTML 3Page - Texas Instruments LP38513 Datasheet HTML 4Page - Texas Instruments LP38513 Datasheet HTML 5Page - Texas Instruments LP38513 Datasheet HTML 6Page - Texas Instruments LP38513 Datasheet HTML 7Page - Texas Instruments LP38513 Datasheet HTML 8Page - Texas Instruments LP38513 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
TAB
IS
GND
OUT
GND
EN
1
2
3
4
5
IN
ERROR
TAB
IS
GND
OUT
GND
EN 1
2
3
4
5
IN
ERROR
LP38513
www.ti.com
SNVS361E – JULY 2007 – REVISED NOVEMBER 2015
5 Pin Configuration and Functions
NDH Package
KTT Package
5-Pin TO-220
5-Pin DDPAK/TO-263
Top View
Top View
Pin Functions for TO-220 and DDPAK/TO-263 Packages
PIN
TYPE
DESCRIPTION
NUMBER
NAME
Enable. Pull high to enable the output, low to disable the output. This pin has no internal bias
1
EN
I
and must be tied to the input voltage, or actively driven.
2
IN
I
Input supply pin
3
GND
G
Ground
4
OUT
O
Regulated output voltage pin
5
ERROR
O
ERROR flag. A high level indicates that VOUT is within 15% of the nominal regulated voltage.
The TO-220 and DDPAK/TO-263 TAB is used as a thermal connection to remove heat from the
TAB
TAB
G
device to an external heat sink. The TAB is internally connected to device pin 3.
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP38513



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com