Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38513 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP38513
Description  3A Fast Response Ultra-Low Dropout Linear Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP38513 Datasheet(HTML) 5 Page - Texas Instruments

  LP38513 Datasheet HTML 1Page - Texas Instruments LP38513 Datasheet HTML 2Page - Texas Instruments LP38513 Datasheet HTML 3Page - Texas Instruments LP38513 Datasheet HTML 4Page - Texas Instruments LP38513 Datasheet HTML 5Page - Texas Instruments LP38513 Datasheet HTML 6Page - Texas Instruments LP38513 Datasheet HTML 7Page - Texas Instruments LP38513 Datasheet HTML 8Page - Texas Instruments LP38513 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
LP38513
www.ti.com
SNVS361E – JULY 2007 – REVISED NOVEMBER 2015
6.5 Electrical Characteristics
Unless otherwise specified: VIN = 2.5 V, IOUT = 10 mA, CIN = 10 µF, COUT = 10 µF, VEN = 2 V, and limits apply for TJ = 25°C.
Minimum and Maximum limits are specified through test, design, or statistical correlation. Typical values represent the most
likely parametric norm at TJ = 25°C, and are provided for reference purposes only.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
2.25 V
≤ VIN ≤ 5.5 V
–1.6%
0%
1.6%
10 mA
≤ IOUT ≤ 3 A
2.25 V
≤ VIN ≤ 5.5 V
10 mA
≤ IOUT ≤ 3 A
–4.1%
2.6%
VOUT
Output voltage tolerance(1)
TJ = –40°C to +125°C
2.25V
≤ VIN ≤ 5.5V
10 mA
≤ IOUT ≤ 3A
–2.6%
0%
2.6%
0°C
≤ TJ ≤ 125°C
2.25 V
≤ VIN ≤ 5.5 V
0.03
Output voltage line
ΔVOUT/ΔVIN
%/V
2.25 V
≤ VIN ≤ 5.5 V
regulation(1)(2)
0.06
TJ = –40°C to +125°C
10 mA
≤ IOUT ≤ 3 A
0.1
Output voltage load
ΔVOUT/ΔIOUT
%/A
10 mA
≤ IOUT ≤ 3 A
regulation(1)(3)
0.2
TJ = –40°C to +125°C
VDO
Dropout voltage(4)
IOUT = 3 A, TJ = –40°C to +125°C
425
mV
IOUT = 10 mA, ERROR pin = GND
10
12
IOUT = 10 mA, ERROR pin = GND
15
TJ = –40°C to +125°C
Ground pin current, output
mA
enabled
IOUT = 3 A, ERROR pin = GND
12
15
IGND
IOUT = 3 A, ERROR pin = GND
20
TJ = –40°C to +125°C
VEN = 0.5 V, ERROR pin = GND
60
100
Ground pin current, output
µA
VEN = 0.5 V, ERROR pin = GND
disabled
110
TJ = –40°C to +125°C
ISC
Short-circuit current
VOUT = 0 V
5.6
A
ENABLE INPUT
VEN rising from 0 V until the output
turns to an ON state, or VEN falling
0.74
0.85
0.92
from
≥ 2 V until the output turns to an
OFF state
VEN(TH)
Enable on/off threshold
V
VEN rising from 0 V until the output
turns to an ON state, or VEN falling
from
≥ 2 V until the output turns to an
0.56
1
OFF state
TJ = –40°C to +125°C
Time from VEN < VEN(TH) to VOUT =
td(OFF)
Turnoff delay
5
OFF, ILOAD = 3 A
µs
Time from VEN >VEN(TH) to VOUT = ON,
td(ON)
Turnon delay
5
ILOAD = 3 A
VEN = VIN
1
IEN
EN pin current
nA
VEN = 0 V
–1
(1)
The line and load regulation specification contains only the typical number. However, the limits for line and load regulation are included
in the output voltage tolerance specification.
(2)
Output voltage line regulation is defined as the change in output voltage from the nominal value due to change in the voltage at the
input.
(3)
Output voltage load regulation is defined as the change in output voltage from the nominal value due to change in the load current at the
output.
(4)
Dropout voltage (VDO) is typically defined as the input to output voltage differential (VIN – VOUT) where the input voltage is low enough to
cause the output voltage to drop 2% from the nominal value. For the LP38513, the minimum operating voltage of 2.25 V is the limiting
factor, and the maximum dropout voltage is defined as: VDO(MAX) = VIN(MIN) – VOUT(MIN) = (2.25 V – (1.8 V × 95.9%) = 524 mV).
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP38513



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com