Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38513 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LP38513
Description  3A Fast Response Ultra-Low Dropout Linear Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP38513 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP38513 Datasheet HTML 8Page - Texas Instruments LP38513 Datasheet HTML 9Page - Texas Instruments LP38513 Datasheet HTML 10Page - Texas Instruments LP38513 Datasheet HTML 11Page - Texas Instruments LP38513 Datasheet HTML 12Page - Texas Instruments LP38513 Datasheet HTML 13Page - Texas Instruments LP38513 Datasheet HTML 14Page - Texas Instruments LP38513 Datasheet HTML 15Page - Texas Instruments LP38513 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
Load
Transient
Line
Transient
VIN
VOUT
NOM
~89%
~85%
VERROR
Power
-Up
Power-
Down
~2.25V
~1.25V
~1.25V
~2.50V
~2.50V
LP38513
SNVS361E – JULY 2007 – REVISED NOVEMBER 2015
www.ti.com
Device Functional Modes (continued)
Figure 17. ERROR Flag Operation Biased from VIN
12
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: LP38513



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com