Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38513 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LP38513
Description  3A Fast Response Ultra-Low Dropout Linear Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP38513 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP38513 Datasheet HTML 2Page - Texas Instruments LP38513 Datasheet HTML 3Page - Texas Instruments LP38513 Datasheet HTML 4Page - Texas Instruments LP38513 Datasheet HTML 5Page - Texas Instruments LP38513 Datasheet HTML 6Page - Texas Instruments LP38513 Datasheet HTML 7Page - Texas Instruments LP38513 Datasheet HTML 8Page - Texas Instruments LP38513 Datasheet HTML 9Page - Texas Instruments LP38513 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
LP38513
SNVS361E – JULY 2007 – REVISED NOVEMBER 2015
www.ti.com
Electrical Characteristics (continued)
Unless otherwise specified: VIN = 2.5 V, IOUT = 10 mA, CIN = 10 µF, COUT = 10 µF, VEN = 2 V, and limits apply for TJ = 25°C.
Minimum and Maximum limits are specified through test, design, or statistical correlation. Typical values represent the most
likely parametric norm at TJ = 25°C, and are provided for reference purposes only.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ERROR FLAG
VOUT falling from VOUT(NOM) until
85%
ERROR flag goes low
VTH
ERROR flag threshold(5)
VOUT falling from VOUT(NOM) until
ERROR flag goes low
77%
94%
TJ = –40°C to +125°C
VOUT rising from VTH until ERROR flag
4%
goes high
ERROR flag threshold
ΔVTH
VOUT rising from VTH until ERROR flag
hysteresis(5)
goes high
2.2%
5.8%
TJ = –40°C to +125°C
ISINK = 1 mA
20
ERROR flag saturation
VERROR(SAT)
mV
voltage
ISINK = 1 mA, TJ = –40°C to +125°C
100
ERROR flag pin leakage
Ilk
VERROR = 5.5 V
100
nA
current
td
ERROR flag delay time
1
µs
AC PARAMETERS
VIN = 2.5 V, ƒ = 120 Hz
73
PSRR
Ripple rejection
dB
VIN = 2.5 V, ƒ = 1 kHz
70
ρn(l/f)
Output noise density
ƒ = 120 Hz
0.8
µV/
√Hz
en
Output noise voltage
BW = 100 Hz – 100 kHz, VOUT = 1.8 V
45
µVRMS
THERMAL CHARACTERISTICS
TSD
Thermal shutdown
TJ rising
165
°C
ΔTSD
Thermal shutdown hysteresis
TJ falling from TSD
10
(5)
The ERROR flag thresholds are specified as percentage of the nominal regulated output voltage. See Application and Implementation
section.
6
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: LP38513



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com