Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38513 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LP38513
Description  3A Fast Response Ultra-Low Dropout Linear Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP38513 Datasheet(HTML) 2 Page - Texas Instruments

  LP38513 Datasheet HTML 1Page - Texas Instruments LP38513 Datasheet HTML 2Page - Texas Instruments LP38513 Datasheet HTML 3Page - Texas Instruments LP38513 Datasheet HTML 4Page - Texas Instruments LP38513 Datasheet HTML 5Page - Texas Instruments LP38513 Datasheet HTML 6Page - Texas Instruments LP38513 Datasheet HTML 7Page - Texas Instruments LP38513 Datasheet HTML 8Page - Texas Instruments LP38513 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
LP38513
SNVS361E – JULY 2007 – REVISED NOVEMBER 2015
www.ti.com
Table of Contents
7.4
Device Functional Modes........................................ 11
1
Features .................................................................. 1
8
Application and Implementation ........................ 13
2
Applications ........................................................... 1
8.1
Application Information............................................ 13
3
Description ............................................................. 1
8.2
Typical Application ................................................. 13
4
Revision History..................................................... 2
9
Power Supply Recommendations ...................... 17
5
Pin Configuration and Functions ......................... 3
10
Layout................................................................... 17
6
Specifications......................................................... 4
10.1
Layout Guidelines ................................................. 17
6.1
Absolute Maximum Ratings ...................................... 4
10.2
Layout Example .................................................... 17
6.2
ESD Ratings.............................................................. 4
11
Device and Documentation Support ................. 18
6.3
Recommended Operating Conditions ....................... 4
11.1
Related Documentation ....................................... 18
6.4
Thermal Information .................................................. 4
11.2
Community Resources.......................................... 18
6.5
Electrical Characteristics........................................... 5
11.3
Trademarks ........................................................... 18
6.6
Typical Characteristics .............................................. 7
11.4
Electrostatic Discharge Caution ............................ 18
7
Detailed Description ............................................ 10
11.5
Glossary ................................................................ 18
7.1
Overview ................................................................. 10
12
Mechanical, Packaging, and Orderable
7.2
Functional Block Diagram ....................................... 10
Information ........................................................... 18
7.3
Feature Description................................................. 10
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision D (April 2013) to Revision E
Page
Added Device Information and Pin Configuration and Functions sections, ESD Ratings table, Feature Description,
Device Functional Modes, Application and Implementation, Power Supply Recommendations, Layout, Device and
Documentation Support, and Mechanical, Packaging, and Orderable Information sections ................................................. 1
Deleted lead temp from Abs Max - it is in POA ..................................................................................................................... 4
Added updated thermal information ...................................................................................................................................... 4
Deleted out-of-date heat sinking subsection ....................................................................................................................... 14
Changes from Revision C (April 2013) to Revision D
Page
Changed layout of National Data Sheet to TI format .......................................................................................................... 14
2
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: LP38513



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com