Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT7C43390 Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PT7C43390
Description  Real-time Clock Module
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7C43390 Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PT7C43390 Datasheet HTML 1Page - Pericom Semiconductor Corporation PT7C43390 Datasheet HTML 2Page - Pericom Semiconductor Corporation PT7C43390 Datasheet HTML 3Page - Pericom Semiconductor Corporation PT7C43390 Datasheet HTML 4Page - Pericom Semiconductor Corporation PT7C43390 Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7C43390 Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7C43390 Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7C43390 Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7C43390 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-12-0001
PT0280-8
12/11/15
5
PT7C43390/43390C
Real-time Clock Module
DC Electrical Characteristics
( TA = -40°C to +85°C; VSS = 0V, crystal oscillator CL = 6pF, 32.768KHz, unless otherwise noted.)
Symbol
Parameter
Pin
Test Conditions
Min
Typ
Max
Unit
VDD = 3.0V
IDD1
Current consumption 1
VDD
Out of communication
-
0.3
0.6
µA
IDD2
Current consumption 2
VDD
During communication
(SCL=100kHz)
-
3.5
8
µA
IIZH
Input high leakage current
SCL,SDA
VIN = VDD
-0.5
-
+0.5
µA
IIZL
Input low leakage current
SCL,SDA
VIN = VSS
-0.5
-
+0.5
µA
IOZH
Output high leakage current
SDA,INT1,
INT2
VOUT = VDD
-0.5
-
+0.5
µA
IOZL
Output low leakage current
SDA,INT1,
INT2
VOUT = VSS
-0.5
-
+0.5
µA
VIH
Input high voltage
SCL,SDA
-
0.8VDD
-
-
V
VIL
Input low voltage
SCL,SDA
-
-
-
0.2VDD
V
IOL1
Output low current 1
INT1
VOUT = 0.4V
1.0
1.6
-
mA
INT2
VOUT = 0.4V
5
8
-
mA
IOL2
Output low current 2
SDA
VOUT = 0.4V
5
8
-
mA
VDD = 5.0V
IDD1
Current consumption 1
VDD
Out of communication
-
0.35
0.7
µA
IDD2
Current consumption 2
VDD
During communication
(SCK=100kHz)
-
7
14
µA
IIZH
Input high leakage current
SCL,SDA
VIN = VDD
-0.5
-
+0.5
µA
IIZL
Input low leakage current
SCL,SDA
VIN = VSS
-0.5
-
+0.5
µA
IOZH
Output high leakage current
SDA,INT1,
INT2
VOUT = VDD
-0.5
-
+0.5
µA
IOZL
Output low leakage current
SDA,INT1,
INT2
VOUT = VSS
-0.5
-
+0.5
µA
VIH
Input high voltage
SCL,SDA
-
0.8VDD
-
-
V
VIL
Input low voltage
SCL,SDA
-
-
-
0.2VDD
V
IOL1
Output low current 1
INT1
VOUT = 0.4V
1.0
1.6
-
mA
INT2
6
10
-
mA
IOL2
Output low current 2
SDA
VOUT = 0.4V
6
10
-
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com