Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT7C43390 Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PT7C43390
Description  Real-time Clock Module
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7C43390 Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PT7C43390 Datasheet HTML 2Page - Pericom Semiconductor Corporation PT7C43390 Datasheet HTML 3Page - Pericom Semiconductor Corporation PT7C43390 Datasheet HTML 4Page - Pericom Semiconductor Corporation PT7C43390 Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7C43390 Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7C43390 Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7C43390 Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7C43390 Datasheet HTML 9Page - Pericom Semiconductor Corporation PT7C43390 Datasheet HTML 10Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-12-0001
PT0280-8
12/11/15
6
PT7C43390/43390C
Real-time Clock Module
AC Electrical Characteristics
Measure conditions
Input pulse voltage
VIH = 0.9 ×VDD, VIL = 0.1 ×VDD
Input pulse rise/fall time
20ns
Output determination voltage
VOH = 0.5 ×VDD, VOL = 0.5 ×VDD
Output load
100pF + pull-up resistance 1kΩ
Symbol
Parameter
VDD > 1.35 V
*2
VDD > 3.0 V
*2
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
FSCL
SCL clock frequency
0
-
100
0
-
400
kHz
tLOW
SCL clock low time
4.7
-
-
1.3
-
-
µs
tHIGH
SCL clock high time
4
-
-
0.6
-
-
µs
tPD
SDA output delay time
-
-
3.5
-
-
0.9
µs
tSU.STA
Start condition setup time
4.7
-
-
0.6
-
-
µs
tHD.STA
Start condition hold time
4
-
-
0.6
-
-
µs
tSU.DAT
Data input setup time
250
-
-
100
-
-
ns
tHD.DAT
Data output hold time
0
-
-
0
-
-
µs
tSU.STO
Stop condition setup time
4.7
-
-
0.6
-
-
µs
tR
SCL, SDA rise time
-
-
1
-
-
0.3
µs
tF
SCL, SDA fall time
-
-
0.3
-
-
0.3
µs
tBUF
Bus release time
4.7
-
-
1.3
-
-
µs
tI
Noise suppression time
-
-
100
-
-
50
ns
*1. Since the output format of the SDA pin is Nch open-drain output, output data definition time is determined by the values of the
load resistance (RL) and load capacity (CL) outside the IC. Therefore, use this value only as a reference value.
*2 Regarding the power supply voltage, refer to “Recommended Operating Conditions”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com