Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT7C43390 Datasheet(PDF) 14 Page - Pericom Semiconductor Corporation

Part # PT7C43390
Description  Real-time Clock Module
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7C43390 Datasheet(HTML) 14 Page - Pericom Semiconductor Corporation

Back Button PT7C43390 Datasheet HTML 10Page - Pericom Semiconductor Corporation PT7C43390 Datasheet HTML 11Page - Pericom Semiconductor Corporation PT7C43390 Datasheet HTML 12Page - Pericom Semiconductor Corporation PT7C43390 Datasheet HTML 13Page - Pericom Semiconductor Corporation PT7C43390 Datasheet HTML 14Page - Pericom Semiconductor Corporation PT7C43390 Datasheet HTML 15Page - Pericom Semiconductor Corporation PT7C43390 Datasheet HTML 16Page - Pericom Semiconductor Corporation PT7C43390 Datasheet HTML 17Page - Pericom Semiconductor Corporation PT7C43390 Datasheet HTML 18Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-12-0001
PT0280-8
12/11/15
14
PT7C43390/43390C
Real-time Clock Module
Example of Output from INT1 and INT2 Registers (Data Register for Output Frequency)
3.5. Clock Correction Register
The clock correction register is a 1-byte register that is used to correct advance / delay of the clock. When not using this function,
set this register to "00h". Regarding the register values, refer to "Function to Clock Correction".
V0
V1
V2
V3
V4
V5
V6
V7
B7
B6
B5
B4
B3
B2
B1
B0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W : Read/Write
3.6. Free Register
This free register is a 1-byte SRAM type register that can be set freely by users.
V0
V1
V2
V3
V4
V5
V6
V7
B7
B6
B5
B4
B3
B2
B1
B0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W : Read/Write
4. Power-on Detection Circuit and Register Status
The power-on detection circuit operates by power-on the RTC, as a result each register is cleared; each register is set as follows.
Real-time data register: 00 (Y), 01 (M), 01 (D), 0 (day of the week), 00 (H), 00 (M), 00 (S)
Status register 1: "01h"
Status register 2: "80h"
INT register 1: "80h"
INT register 2: "00h"
Clock correction register: "00h"
Free register: "00h"
"1" is set in the POC flag (B0 in the status register 1) to indicate that power has been applied. To correct the oscillation frequency,
the status register 2 goes in the mode the output of user-set frequency, so that 1 Hz clock pulse is output from the INT pin. When
"1" is set in the POC flag, be sure to initialize. The POC flag is set to "0" due to initialization so that the output of user-set
frequency mode is cleared. (Refer to "Register Status After Initialization".)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com