Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT7C43390 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PT7C43390
Description  Real-time Clock Module
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7C43390 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PT7C43390 Datasheet HTML 1Page - Pericom Semiconductor Corporation PT7C43390 Datasheet HTML 2Page - Pericom Semiconductor Corporation PT7C43390 Datasheet HTML 3Page - Pericom Semiconductor Corporation PT7C43390 Datasheet HTML 4Page - Pericom Semiconductor Corporation PT7C43390 Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7C43390 Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7C43390 Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7C43390 Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7C43390 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
Real-time Clock Module
2015-12-0001
PT0280-8
12/11/15
1
PT7C43390/43390C
Features
 Low current consumption: 0.3µA typ. (V
DD=3.0V,
TA = 25°C)
 Wide operating voltage range: 1.35 to 5.5 V
 Minimum time keeping operation voltage: 1.25 V
 Built-in clock adjustment function
 Built-in free user register
 2-wire (I2C-bus) CPU interface
 Built-in alarm interrupter
 Built-in flag generator at power down or power on
 Auto calendar up to the year 2099, automatic leap
year calculation function
 Built-in constant voltage circuit
 Built-in 32 kHz crystal oscillator circuit
 Built-in 32 kHz crystal for PT7C43390C
 Package: SOIC-8L, TSSOP-8L, and TDFN2x3-8L
for PT7C43390; TDFN4x4-8L for PT7C43390C
Applications
 Mobile game device, mobile phone
 Industrial control
 Electronic power meter
 DVD recorder
 Car navigation
 IP Camera, DVR, NVR
Description
The PT7C43390 is a CMOS I
2C-bus real-time clock IC,
which operates with the very low current consumption
and in the wide range of operation voltage. The
operation voltage is 1.35 V to 5.5 V so that the RTC can
be used for various power supplies from main supply to
backup battery. In the system which operates with a
backup battery, the included free registers can be used as
the function for user’s backup memory. Users always
can take back the information in the registers which is
stored before power-off the main power supply, after the
voltage is restored.
The IC has the function to correct advance / delay of the
clock data speed, in the wide range, which is caused by
the oscillation circuit’s frequency deviation. Correcting
according to the temperature change by combining this
function and a temperature sensor, it is possible to make
a high precise clock function which is not affected by
the ambient temperature.
Function Table
Item
Function
PT7C43390
PT7C43390C
1
Oscillator
Source
Crystal
*
External crystal
Integral crystal
2
Time
Time display
12-hour
24-hour
3
Interrupt
Alarm interrupt pin output
2
2
Timer interrupt output
4
Programmable square wave output (Hz)
1Hz,2Hz,4Hz
8Hz,16Hz
32kHz
1Hz,2Hz,4Hz
8Hz,16Hz
32kHz
5
Communication
2-wire I
2C bus
Burst mode
6
Control
IC test mode
Power-on detector
Power supply voltage detector
7
Clock calibration
80
Free register access


Similar Part No. - PT7C43390

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7C4339 PERICOM-PT7C4339 Datasheet
870Kb / 22P
Real-time Clock Module
PT7C4339C PERICOM-PT7C4339C Datasheet
870Kb / 22P
Real-time Clock Module
PT7C4339UE PERICOM-PT7C4339UE Datasheet
870Kb / 22P
Real-time Clock Module
PT7C4339UEX PERICOM-PT7C4339UEX Datasheet
870Kb / 22P
Real-time Clock Module
PT7C4339WE PERICOM-PT7C4339WE Datasheet
870Kb / 22P
Real-time Clock Module
More results

Similar Description - PT7C43390

ManufacturerPart #DatasheetDescription
logo
Epson Company
RTC-4513 EPSON-RTC-4513 Datasheet
45Kb / 2P
Real time clock module(SERIAL-INTERFACE REAL TIME CLOCK MODULE)
RTC-72421 EPSON-RTC-72421 Datasheet
212Kb / 2P
Real time clock module(4-bit REAL TIME CLOCK MODULE)
logo
List of Unclassifed Man...
RTC-72421 ETC-RTC-72421 Datasheet
1Mb / 2P
Real time clock module(4-bit REAL TIME CLOCK MODULE)
logo
Epson ToYoCom
RX4575LC EPSONTOYOCOM-RX4575LC Datasheet
148Kb / 2P
Real Time Clock Module
logo
Pericom Semiconductor C...
PT7C4307 PERICOM-PT7C4307_13 Datasheet
532Kb / 15P
Real-time Clock Module
logo
Epson ToYoCom
RX6110SAA EPSONTOYOCOM-RX6110SAA Datasheet
348Kb / 2P
Real Time Clock Module
RX6110SAB EPSONTOYOCOM-RX6110SAB Datasheet
292Kb / 1P
Real Time Clock Module
RX8111CE EPSONTOYOCOM-RX8111CE Datasheet
406Kb / 2P
Real Time Clock Module
RX8804CE EPSONTOYOCOM-RX8804CE Datasheet
273Kb / 1P
Real Time Clock Module
logo
WAGO Kontakttechnik Gmb...
750-640 WAGO-750-640 Datasheet
509Kb / 12P
Real-time clock Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com