Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT7C43390 Datasheet(PDF) 21 Page - Pericom Semiconductor Corporation

Part # PT7C43390
Description  Real-time Clock Module
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7C43390 Datasheet(HTML) 21 Page - Pericom Semiconductor Corporation

Back Button PT7C43390 Datasheet HTML 17Page - Pericom Semiconductor Corporation PT7C43390 Datasheet HTML 18Page - Pericom Semiconductor Corporation PT7C43390 Datasheet HTML 19Page - Pericom Semiconductor Corporation PT7C43390 Datasheet HTML 20Page - Pericom Semiconductor Corporation PT7C43390 Datasheet HTML 21Page - Pericom Semiconductor Corporation PT7C43390 Datasheet HTML 22Page - Pericom Semiconductor Corporation PT7C43390 Datasheet HTML 23Page - Pericom Semiconductor Corporation PT7C43390 Datasheet HTML 24Page - Pericom Semiconductor Corporation PT7C43390 Datasheet HTML 25Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-12-0001
PT0280-8
12/11/15
21
PT7C43390/43390C
Real-time Clock Module
(2) During reading in the real-time data register
(3) During writing in the real-time data register
Timing of Minute-periodical Interrupt Output 2
f. Operation of power-on detection circuit (only in the INT1 pin output mode)
When power is applied to the RTC, the power-on detection operates to set "1" in the POC flag (B0 in the status register 1). A 1 Hz
clock pulse is output from the INT1 pin.
9.2. Alarm 1 Function and INT2 Pin Output Mode
In the output mode for INT2 pin, users are able to select the output; alarm 2 interrupt, user-set frequency, per-minute edge
interrupt, minute-periodical interrupt. To switch the output mode for INT2 pin and the alarm 1 function, use the status register 2.
Refer to "Status register 2" in "Configuration of Registers". When switching the output mode for INT2 pin, be careful of the
output status of the pin. Especially, when using alarm 2 interrupt output, or the output of user-set frequency, switch the output
mode after setting "00h" in the INT2 register. In per-minute edge interrupt output / minute-periodical interrupt output, it is
unnecessary to set data in the INT2 register for users. Refer to the followings regarding each operation of output modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com