Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT7C43390 Datasheet(PDF) 19 Page - Pericom Semiconductor Corporation

Part # PT7C43390
Description  Real-time Clock Module
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7C43390 Datasheet(HTML) 19 Page - Pericom Semiconductor Corporation

Back Button PT7C43390 Datasheet HTML 15Page - Pericom Semiconductor Corporation PT7C43390 Datasheet HTML 16Page - Pericom Semiconductor Corporation PT7C43390 Datasheet HTML 17Page - Pericom Semiconductor Corporation PT7C43390 Datasheet HTML 18Page - Pericom Semiconductor Corporation PT7C43390 Datasheet HTML 19Page - Pericom Semiconductor Corporation PT7C43390 Datasheet HTML 20Page - Pericom Semiconductor Corporation PT7C43390 Datasheet HTML 21Page - Pericom Semiconductor Corporation PT7C43390 Datasheet HTML 22Page - Pericom Semiconductor Corporation PT7C43390 Datasheet HTML 23Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-12-0001
PT0280-8
12/11/15
19
PT7C43390/43390C
Real-time Clock Module
b) Alarm setting of "H (hour)"
*1. If users clear INT1AE / INT2AE once; "L" is not output from the INT1 / INT2 pin by setting INT1AE / INT2AE enable again,
within a period when the alarm time matches real-time data.
*2. If turning the alarm output on by changing the program, within the period when the alarm time matches real-time data, "L" is
output again from the INT1 / INT2 pin when the minute is counted up.
Alarm Interrupt Output Timing
b. Output of user-set frequency
The output of user-set frequency is the function to output the frequency which is selected by using data, from the INT1/INT2 pin,
in the AND-form. Set up the data of frequency in the INT1 / INT2 register.
c. Per-minute edge interrupt output
Per-minute edge interrupt output is the function to output "L" from the INT1 / INT2 pin, when the first minute-carry processing is
done, after selecting the output mode. To set the pin output to "H", turn off the output mode of per-minute edge interrupt. In the
INT1 pin output mode, input "0" in INT1ME in the status register 2. In the INT2 pin output mode, input "0" in INT2ME.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com